Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BG14B Datasheet(PDF) 1 Page - BeRex Corporation

Part # BG14B
Description  5-6000 MHz Cascadable InGaP HBT Gain Block
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BG14B Datasheet(HTML) 1 Page - BeRex Corporation

  BG14B Datasheet HTML 1Page - BeRex Corporation BG14B Datasheet HTML 2Page - BeRex Corporation BG14B Datasheet HTML 3Page - BeRex Corporation BG14B Datasheet HTML 4Page - BeRex Corporation BG14B Datasheet HTML 5Page - BeRex Corporation BG14B Datasheet HTML 6Page - BeRex Corporation BG14B Datasheet HTML 7Page - BeRex Corporation BG14B Datasheet HTML 8Page - BeRex Corporation BG14B Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
5-6000 MHz Cascadable InGaP HBT Gain Block
BG14B
OIP3 = 35 dBm @ 1900 MHz
Gain = 16 dB @ 1900 MHz
Output P1 dB = 19.5 dBm @ 1900 MHz
50 Ω Cascadable
Patented temperature compensation
Lead-free/RoHS-compliant SOT-89 SMT package
BeRex’s BG14B is a high performance InGaP/
GaAs HBT MMIC amplifier, internally
matched to 50 Ohms and uses a patented
temperature compensation circuit to pro-
vide stable current over the operating tem-
perature range without the need for exter-
nal components. The BG14B is designed for
high linearity gain block applications that
require excellent gain flatness. It is packaged
in a RoHS-compliant with SOT-89 surface
mount package.
Product Description
Device Features
 Base station Infrastructure/RFID
 Commercial/Industrial/Military wireless system
Applications
Applications Circuit
*C1, C2, C3 =100 pF ± 5%; C4 = 1000 pF ± 5%; C5 = 10uF; L1 = 39nH
1 Device performance _ measured on a BeRex evaluation board at 25°C, 50 Ω system.
2 OIP3 _ measured with two tones at an output of 9 dBm per tone separated by 1 MHz.
Typical Performance
1
Absolute Maximum Ratings
Parameter
Frequency
Unit
70
500
900
1900
2450
MHz
5800
Gain
17.3
17.3
17.0
16.0
15.2
dB
11.9
S11
-20.0
-18.5
-17.5
-27.5
-19.0
dB
-9.3
S22
-13.0
-14.0
-15.0
-10.5
-10.0
dB
-12.6
OIP3
2
37.0
37.5
36.5
35.0
33.5
dBm
25.5
P1dB
19.5
19.5
19.5
19.5
19.5
dBm
15.5
NF
5.0
5.0
5.0
5.2
5.5
dB
9.5
Min.
Typical
Max.
Unit
Bandwidth
5
6000
MHz
IC @ (Vc = 5V)
70
75
85
mA
VC
5.0
V
dG/dT
-0.004
dB/°C
RTH
85
°C/W
Parameter
Unit
Rating
Operating Case Temperature
°C
-40 to +85
Storage Temperature
°C
-55 to +155
Junction Temperature
°C
+220
Operating Voltage
V
+6.5
Supply Current
mA
150
Input RF Power
dBm
23
Operation of this device above any of these parameters may result in permanent damage.
*less than 20nH improves RF performance at over 1.9GHz.
*40nH or higher value L1 improves RF performance at under 500MHz.
*Optimum value of L1 may vary with board design.
Rev. F
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2010 BeRex
*C1,C2=8200pF, L1=1200nH for 70MHz application,
Vcc=5.2V if 1200nH is used to compensate IR drop across L1.


Similar Part No. - BG14B

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG14B BEREX-BG14B Datasheet
531Kb / 10P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG14B BEREX-BG14B Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG14B BEREX-BG14B_18 Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
More results

Similar Description - BG14B

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG17C BEREX-BG17C_15 Datasheet
1Mb / 9P
   5-6000 MHz Cascadable InGaP HBT Gain Block
BG13B BEREX-BG13B_15 Datasheet
1,021Kb / 10P
   5-6000 MHz Cascadable InGaP HBT Gain Block
BG14A BEREX-BG14A_15 Datasheet
1Mb / 10P
   5-6000 MHz Cascadable InGaP HBT Gain Block
BG13D BEREX-BG13D_15 Datasheet
1Mb / 9P
   5-6000 MHz Cascadable InGaP HBT Gain Block
BG16C BEREX-BG16C_18 Datasheet
1Mb / 9P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG17A BEREX-BG17A_18 Datasheet
1Mb / 9P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG18B BEREX-BG18B_18 Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG13B BEREX-BG13B_18 Datasheet
972Kb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-52663 AVAGO-AVT-52663 Datasheet
416Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
Broadcom Corporation.
AVT-51663 BOARDCOM-AVT-51663 Datasheet
358Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com