Electronic Components Datasheet Search |
|
DCA3106A2420-29PX-BSN-F Datasheet(PDF) 1 Page - DDK Ltd. |
|
DCA3106A2420-29PX-BSN-F Datasheet(HTML) 1 Page - DDK Ltd. |
1 / 15 page http://www.ddknet.co.jp ◎ Specifications and/or dimensions in this catalog are subject to change without notice. Please varify the latest specifications with our drawings. DCA series is a bayonet coupling connector which utilizes MIL-DTL-5015 insert arrangements and is compatible with VG95234. The inserts are made of the thermosetting resin. A various combination of the plugs, receptacles and accessories is also available and can be used for cable to cable usage and cable to panel usage. The DCA series is suitable for applications such as servo moters, machine tools and factory automation equipment. DCA-A-F Series Reverse Bayonet Coupling Connectors 160219 ◆ Quick positive bayonet coupling. ◆ Audible, tactile and visual indication of full coupling. ◆ Non-waterproof ◆ Wire connection : Soldering ◆ High shock and vibration capabilities. ◆ Operating temperature range: -55℃ to 125℃ ◆ Intermateable with existing VG95234 connectors. OUTLINE FEATURES Lock Type Bayonet Conforming Standard MIL-DTL-5015 RoHS Compliant SPECIFICATIONS Contact Size Rated current Contact Resistance Assembled in Insulator Test Current Voltage Descent # 16 13A max. 13A 87mV max. # 12 23A max. 23A 77mV max. #8 46A max. 46A 80mV max. #4 80A max. 80A 70mV max. #0 150A max. 150A 65mV max. Service Rating Rated voltage Dielectric Withstand Voltage at 1minute DC AC(r.m.s.) INST 250V 200V 1,000V AC(r.m.s.) A 700V 500V 2,000V AC(r.m.s.) D 1,250V 900V 2,800V AC(r.m.s.) E 1,750V 1,250V 3,500V AC(r.m.s.) Contact Size Applicable Cable Size A.W.G. Official Sectional Area Conductor Diameter # 16 #16 〜# 22 1.25mm2 1.6mm Max. # 12 #12 〜 #14 3.50mm2 2.5mm Max. #8 #8 〜 #10 8.00mm2 4.5mm Max. #4 #4 〜 #6 22.00mm2 7.0mm Max. #0 #0 〜 #2 50.00mm2 11.0mm Max. Insulation Resistance 5,000M Ω at 500VDC Item Material / Finish Contact Copper Alloy / Silver Insert Diallyl Phthalate Resin(Blue) Shell Aluminum Alloy / Zinc Plating, Black Cation Electroplating Finish Retaining Ring Copper Alloy / Nickel Plating Gasket Synthetic Rubber (Nitrile) RoHS Compliant RoHS Compliant MATERIAL / FINISH |
Similar Part No. - DCA3106A2420-29PX-BSN-F |
|
Similar Description - DCA3106A2420-29PX-BSN-F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |