Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMMD07540 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # UMMD07540
Description  40V, 0.75 Amp Surface Mount Small Signal Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

UMMD07540 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  UMMD07540 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH UMMD07540 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
UMMD07540
40V, 0.75 Amp
Surface Mount Small Signal
Schottky Barrier Rectifiers
26-Jun-2014 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES


Similar Part No. - UMMD07540

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
UMMD07540 SECOS-UMMD07540_15 Datasheet
57Kb / 2P
   Surface Mount Small Signal Schottky Barrier Rectifiers
More results

Similar Description - UMMD07540

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
UMMD022 SECOS-UMMD022_15 Datasheet
43Kb / 2P
   Surface Mount Small Signal Schottky Barrier Rectifiers
UMMD022 SECOS-UMMD022 Datasheet
60Kb / 2P
   Surface Mount Small Signal Schottky Barrier Rectifiers
UMMD07540 SECOS-UMMD07540_15 Datasheet
57Kb / 2P
   Surface Mount Small Signal Schottky Barrier Rectifiers
logo
Formosa MS
FM500V-NL FORMOSA-FM500V-NL Datasheet
98Kb / 7P
   100mA Surface Mount Small Signal Schottky Barrier Dode-40V
logo
SeCoS Halbleitertechnol...
SMP340 SECOS-SMP340 Datasheet
703Kb / 2P
   Voltage 40V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
SM140HT SECOS-SM140HT Datasheet
433Kb / 3P
   Voltage 40V ~150V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Formosa MS
BAS40WS FORMOSA-BAS40WS_10 Datasheet
169Kb / 7P
   200mA Surface Mount Small Signal Schottky Diode-40V
FM751V-NL FORMOSA-FM751V-NL Datasheet
469Kb / 7P
   30mA Surface Mount Small Signal Schottky Diode- 40V
FM501V-NL FORMOSA-FM501V-NL Datasheet
97Kb / 7P
   100mA Surface Mount Small Signal Schottky Diode-40V
FM751V-FL FORMOSA-FM751V-FL Datasheet
107Kb / 7P
   30mA Surface Mount Small Signal Schottky Diode- 40V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com