Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # BC847
Description  SOT-23 Plastic-Encapsulate Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BC847 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BC847 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC847 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC847 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC847 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC847 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ Max
Unit
Collector-base breakdown voltage
BC846
BC847
BC848
VCBO
IC= 10µA, IE=0
80
50
30
V
Collector-emitter breakdown voltage
BC846
BC847
BC848
VCEO
IC= 10mA, IB=0
65
45
30
V
Emitter-base breakdown voltage
VEBO
IE= 10µA, IC=0
6
V
Collector cut-off current
BC846
BC847
BC848
ICBO
VCB=70 V , IE=0
VCB=50 V , IE=0
VCB=30 V , IE=0
0.1
μA
Collector cut-off current
BC846
BC847
BC848
ICEO
VCE=60 V , IB=0
VCE=45 V , IB=0
VCE=30 V , IB=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5 V , IC=0
0.1
μA
DC current gain
BC846A,847A,848A
BC846B,847B,848B
BC847C,BC848C
hFE
VCE= 5V, IC= 2mA
110
200
420
220
450
800
Collector-emitter saturation voltage
VCE(sat)
IC=100mA, IB= 5mA
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=100mA, IB= 5mA
1.1
V
Transition frequency
fT
VCE= 5 V, IC= 10mA
f=100MHz
100
MHz
Collector output capacitance
Cob
VCB=10V,f=1MHz
4.5
pF
www.cj-elec.com
2
A,Jun,2014
www.cj-elec.com
D,Oct,2014


Similar Part No. - BC847

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847 PHILIPS-BC847 Datasheet
131Kb / 18P
   45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
BC847 PHILIPS-BC847 Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
GUANGDONG HOTTECH INDUS...
BC847 HOTTECH-BC847 Datasheet
265Kb / 3P
   Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BC847 PHILIPS-BC847 Datasheet
84Kb / 13P
   45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
logo
Jinan Jing Heng Electro...
BC847 JINGHENG-BC847 Datasheet
1Mb / 5P
   NPN Plastic-Encapsulate Transistors
More results

Similar Description - BC847

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
2SC2412 HDSEMI-2SC2412 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC848 HDSEMI-BC848 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
S8550-SOT-23 HDSEMI-S8550-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC817B HDSEMI-BC817B Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC847 HDSEMI-BC847 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
MMBTA06 HDSEMI-MMBTA06 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
S8050 HDSEMI-S8050 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
SS8050-SOT-23 HDSEMI-SS8050-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB709A JIANGSU-2SB709A Datasheet
662Kb / 4P
   SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com