Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9241AMSI Datasheet(PDF) 7 Page - Xicor Inc.

Part # X9241AMSI
Description  Quad Digitally Controlled Potentiometer (XDCP)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9241AMSI Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X9241AMSI Datasheet HTML 3Page - Xicor Inc. X9241AMSI Datasheet HTML 4Page - Xicor Inc. X9241AMSI Datasheet HTML 5Page - Xicor Inc. X9241AMSI Datasheet HTML 6Page - Xicor Inc. X9241AMSI Datasheet HTML 7Page - Xicor Inc. X9241AMSI Datasheet HTML 8Page - Xicor Inc. X9241AMSI Datasheet HTML 9Page - Xicor Inc. X9241AMSI Datasheet HTML 10Page - Xicor Inc. X9241AMSI Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
X9241A
Characteristics subject to change without notice.
7 of 18
REV 1.1.13 12/09/02
www.xicor.com
Figure 7. Acknowledge Response from Receiver
SCL from
Data Output
from Transmitter
1
89
START
Acknowledge
Master
Data Output
from Receiver
DETAILED OPERATION
All four XDCP potentiometers share the serial interface
and share a common architecture. Each potentiometer
is comprised of a resistor array, a Wiper Counter
Register and four Data Registers. A detailed discussion
of the register organization and array operation follows.
Wiper Counter Register
The X9241A contains four volatile Wiper Counter
Registers (WCR), one for each XDCP potentiometer.
The WCR can be envisioned as a 6-bit parallel and
serial load counter with its outputs decoded to select
one of sixty-four switches along its resistor array. The
contents of the WCR can be altered in four ways: it may
be written directly by the host via the Write WCR
instruction (serial load); it may be written indirectly by
transferring the contents of one of four associated Data
Registers via the XFR Data Register instruction
(parallel load); it can be modified one step at a time by
the increment/decrement instruction; finally, it is loaded
with the contents of its Data Register zero (DR0) upon
power-up.
The WCR is a volatile register; that is, its contents are
lost when the X9241A is powered-down. Although the
register is automatically loaded with the value in DR0
upon power-up, it should be noted this may be different
from the value present at power-down.
Data Registers
Each
potentiometer
has
four
nonvolatile
Data
Registers. These can be read or written directly by the
host and data can be transferred between any of the
four Data Registers and the WCR. It should be noted all
operations changing data in one of these registers is a
nonvolatile operation and will take a maximum of 10ms.
If the application does not require storage of multiple
settings for the potentiometer, these registers can be
used as regular memory locations that could possibly
store system parameters or user preference data.


Similar Part No. - X9241AMSI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9241AMSI INTERSIL-X9241AMSI Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241AMSI INTERSIL-X9241AMSI Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241AMSI INTERSIL-X9241AMSI Datasheet
285Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241AMSIZ INTERSIL-X9241AMSIZ Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241AMSIZ INTERSIL-X9241AMSIZ Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
More results

Similar Description - X9241AMSI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com