Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX55 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # BCX55
Description  SOT-89-3L Plastic-Encapsulate Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BCX55 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BCX55 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BCX55 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BCX55 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BCX55 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd BCX55 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A,Nov,2010
Parameter
Symbol
T est
conditions
Min
Typ
Max
Unit
BCX54
45
BCX55
60
Collector-base breakdown voltage
V(BR)CBO
IC=100µA,IE=0
BCX56
100
V
BCX54
45
BCX55
60
Collector-emitter breakdown voltage
V(BR)CEO*
IC=1
0mA,IB=0
BCX56
80
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100µA,IC=0
5
V
Collector cut-off current
ICBO
VCB=30V,IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
µA
hFE(1)*
VCE=2V, IC=5mA
40
hFE(2)*
VCE=2V, IC=150mA
63
250
DC current gain
hFE(3)*
VCE=2V, IC=0.5A
25
Collector-emitter saturation voltage
VCE(sat)*
IC=0.5A,IB=50mA
0.5
V
Base -emitter voltage
VBE*
VCE=2V, IC=0.5A
1
V
Transition frequency
fT
VCE=5V,IC=10mA, f=100MHz
130
MHz
CLASSIFICATION OF hFE(2)
RANK
BCX54
BCX55
BCX56
BCX54-10
BCX55-10
BCX56-10
BCX54-16
BCX55-16
BCX56-16
RANGE
63–250
63–160
100–250
ELECTRICAL CHARACTERISTICS (Ta=25 unless otherwise specified)
* Pulse Test
www.cj-elec.com
2
F,May,2016


Similar Part No. - BCX55

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
BCX55 DGNJDZ-BCX55 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BCX55 PHILIPS-BCX55 Datasheet
42Kb / 8P
   NPN medium power transistors
Rev. 07 - 4 June 2007
logo
Shenzhen Jin Yu Semicon...
BCX55 HTSEMI-BCX55 Datasheet
495Kb / 2P
   TRANSISTOR (NPN)
logo
GUANGDONG HOTTECH INDUS...
BCX55 HOTTECH-BCX55 Datasheet
720Kb / 4P
   Plastic-Encapsulate Transistors
logo
Goodwork Semiconductor ...
BCX55 GWSEMI-BCX55 Datasheet
531Kb / 4P
   Plastic-Encapsulate Transistors
More results

Similar Description - BCX55

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SB1386 JIANGSU-2SB1386 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SB1424 JIANGSU-2SB1424 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SC2881 JIANGSU-2SC2881 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SC5785 JIANGSU-2SC5785 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
2SD1766 JIANGSU-2SD1766 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SA1013 JIANGSU-2SA1013 Datasheet
11Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX69 JIANGSU-BCX69 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
D882H JIANGSU-D882H Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX55 JIANGSU-BCX55 Datasheet
2Mb / 5P
   SOT-89-3L Plastic-Encapsulate Transistors
BSR33 JIANGSU-BSR33 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com