Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9269TS24I-2.7 Datasheet(PDF) 6 Page - Xicor Inc.

Part # X9269TS24I-2.7
Description  Dual Digitally-Controlled Potentiometers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9269TS24I-2.7 Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X9269TS24I-2.7 Datasheet HTML 2Page - Xicor Inc. X9269TS24I-2.7 Datasheet HTML 3Page - Xicor Inc. X9269TS24I-2.7 Datasheet HTML 4Page - Xicor Inc. X9269TS24I-2.7 Datasheet HTML 5Page - Xicor Inc. X9269TS24I-2.7 Datasheet HTML 6Page - Xicor Inc. X9269TS24I-2.7 Datasheet HTML 7Page - Xicor Inc. X9269TS24I-2.7 Datasheet HTML 8Page - Xicor Inc. X9269TS24I-2.7 Datasheet HTML 9Page - Xicor Inc. X9269TS24I-2.7 Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
X9269
REV 1.1.11 2/17/03
Characteristics subject to change without notice.
6 of 25
www.xicor.com
SERIAL INTERFACE DESCRIPTION
Serial Interface
The X9269 supports a bidirectional bus oriented
protocol. The protocol defines any device that sends
data onto the bus as a transmitter and the receiving
device as the receiver. The device controlling the
transfer is a master and the device being controlled is
the slave. The master will always initiate data transfers
and provide the clock for both transmit and receive
operations. Therefore, the X9269 will be considered a
slave device in all applications.
Clock and Data Conventions
Data states on the SDA line can change only during
SCL LOW periods. SDA state changes during SCL
HIGH are reserved for indicating start and stop
conditions. See Figure 2.
Start Condition
All commands to the X9269 are preceded by the start
condition, which is a HIGH to LOW transition of SDA
while SCL is HIGH. The X9269 continuously monitors
the SDA and SCL lines for the start condition and will
not respond to any command until this condition is met.
See Figure 2.
Stop Condition
All communications must be terminated by a stop
condition, which is a LOW to HIGH transition of SDA
while SCL is HIGH. See Figure 2.
Acknowledge
Acknowledge is a software convention used to provide
a positive handshake between the master and slave
devices on the bus to indicate the successful receipt of
data. The transmitting device, either the master or the
slave, will release the SDA bus after transmitting eight
bits. The master generates a ninth clock cycle and
during this period the receiver pulls the SDA line LOW
to acknowledge that it successfully received the eight
bits of data.
The X9269 will respond with an acknowledge after
recognition of a start condition and its slave address
and once again after successful receipt of the
command byte. If the command is followed by a data
byte the X9269 will respond with a final acknowledge.
See Figure 2.
Figure 2. Acknowledge Response from Receiver
SCL FROM
MASTER
DATA
OUTPUT
FROM
TRANSMITTER
1
89
DATA
OUTPUT
FROM
RECEIVER
START
ACKNOWLEDGE


Similar Part No. - X9269TS24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9269TS24I-2.7 INTERSIL-X9269TS24I-2.7 Datasheet
367Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9269TS24I-2.7 INTERSIL-X9269TS24I-2.7 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
logo
Renesas Technology Corp
X9269TS24I-2.7 RENESAS-X9269TS24I-2.7 Datasheet
923Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
More results

Similar Description - X9269TS24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
   Dual Digitally Controlled Potentiometers
X9260 INTERSIL-X9260_06 Datasheet
338Kb / 23P
   Dual Digitally-Controlled Potentiometers
ISL22326 INTERSIL-ISL22326 Datasheet
487Kb / 13P
   Dual Digitally Controlled Potentiometers
X9268 INTERSIL-X9268_06 Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
X9269 INTERSIL-X9269_07 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
X9418 INTERSIL-X9418_06 Datasheet
340Kb / 20P
   Dual Digitally Controlled Potentiometers
X93256 INTERSIL-X93256_06 Datasheet
333Kb / 9P
   Dual Digitally Controlled Potentiometers
X93256UV14I-2.7 INTERSIL-X93256UV14I-2.7 Datasheet
186Kb / 7P
   Dual Digitally Controlled Potentiometers
February 1, 2008
logo
Xicor Inc.
X9418 XICOR-X9418 Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com