Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-13R1D21-A4T2U3 Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-13R1D21-A4T2U3
Description  REVERSE CURRENT PROTECTION CMOS VOLTAGE REGULATOR
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-13R1D21-A4T2U3 Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-13R1D21-A4T2U3 Datasheet HTML 7Page - Seiko Instruments Inc S-13R1D21-A4T2U3 Datasheet HTML 8Page - Seiko Instruments Inc S-13R1D21-A4T2U3 Datasheet HTML 9Page - Seiko Instruments Inc S-13R1D21-A4T2U3 Datasheet HTML 10Page - Seiko Instruments Inc S-13R1D21-A4T2U3 Datasheet HTML 11Page - Seiko Instruments Inc S-13R1D21-A4T2U3 Datasheet HTML 12Page - Seiko Instruments Inc S-13R1D21-A4T2U3 Datasheet HTML 13Page - Seiko Instruments Inc S-13R1D21-A4T2U3 Datasheet HTML 14Page - Seiko Instruments Inc S-13R1D21-A4T2U3 Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
REVERSE CURRENT PROTECTION CMOS VOLTAGE REGULATOR
Rev.1.2_01
S-13R1 Series
11
Power Dissipation of HSNT-4 (1010) (Reference)
Power dissipation of package differs depending on the mounting conditions.
Consider the power dissipation characteristics under the following conditions as reference.
[Mounted board]
(1) Board size:
40 mm
× 40 mm × t0.8 mm
(2) Board material:
Glass epoxy resin (four layers)
(3) Wiring ratio:
50%
(4) Test conditions:
When mounted on board (wind speed: 0 m/s)
(5) Land pattern:
Refer to the recommended land pattern (drawing code: PL004-A-L-SD)
0
50
100
150
0
Ambient Temperature (Ta) [
°C]
400
200
600
1000
800
1200
Figure 9 Power Dissipation of Package (When Mounted on Board)
Table 11
Condition
Power Dissipation (Reference)
Thermal Resistance Value (
θj−a)
HSNT-4 (1010) (When mounted on board)
870 mW
115
°C/W


Similar Part No. - S-13R1D21-A4T2U3

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-13R1D21-A4T2U3 ABLIC-S-13R1D21-A4T2U3 Datasheet
636Kb / 49P
   5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH REVERSE CURRENT PROTECTION
Rev.1.3_00
More results

Similar Description - S-13R1D21-A4T2U3

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1639V DIALOG-SLG59M1639V Datasheet
407Kb / 11P
   Reverse-current/voltage Protection
logo
ON Semiconductor
NCP4626 ONSEMI-NCP4626 Datasheet
586Kb / 28P
   300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
August, 2013 ??Rev. 4
NCP4626DSN033T1G ONSEMI-NCP4626DSN033T1G Datasheet
586Kb / 28P
   300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
August, 2013 ??Rev. 4
NCP4632 ONSEMI-NCP4632 Datasheet
649Kb / 14P
   3A, Low Voltage, Low Dropout Linear Voltage Regulator with Reverse Current Protection
June, 2012 ??Rev. 0
logo
STMicroelectronics
LD39200 STMICROELECTRONICS-LD39200 Datasheet
1Mb / 30P
   Reverse current protection
July 2014 Rev 1
logo
Seiko Instruments Inc
S13R1 SII-S13R1 Datasheet
972Kb / 49P
   REVERSE CURRENT PROTECTION
logo
ABLIC Inc.
S-13R1 ABLIC-S-13R1 Datasheet
636Kb / 49P
   5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH REVERSE CURRENT PROTECTION
Rev.1.3_00
logo
Texas Instruments
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
   HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
New Japan Radio
NJM11100 NJRC-NJM11100 Datasheet
5Mb / 20P
   Adjustable Low Dropout Regulator w/Reverse Current Protection
Ver.2015-02-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com