Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER505GR Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # HER505GR
Description  Voltage 50 ~ 1000 V 5Amp Glass Passivated High Efficiency Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

HER505GR Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  HER505GR Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH HER505GR Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
HER501GR ~ HER507GR
Voltage 50 ~ 1000 V
5Amp Glass Passivated High Efficiency Rectifiers
18-Nov-2015 Rev. A
Page 2 of 2
RATINGS AND CHARACTERISTIC CURVES


Similar Part No. - HER505GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HER505G ETC-HER505G Datasheet
142Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Zibo Seno Electronic En...
HER505G ZSELEC-HER505G Datasheet
110Kb / 2P
   5A GLASS PASSIVATED ULTRAFAST DIODE
logo
Taiwan Semiconductor Co...
HER505G TSC-HER505G Datasheet
269Kb / 2P
   5.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Yangzhou yangjie electr...
HER505G YANGJIE-HER505G Datasheet
188Kb / 2P
   High Efficient Rectifier
logo
UNIOHM CORPORATION
HER505G UNIOHM-HER505G Datasheet
69Kb / 2P
   5.0 AMP GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER505GR

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
HER501G SECOS-HER501G_15 Datasheet
289Kb / 2P
   5Amp Glass Passivated High Efficiency Rectifiers
HER301GR SECOS-HER301GR Datasheet
175Kb / 2P
   Voltage 50 ~ 1000 V 3Amp Glass Passivated High Efficiency Rectifiers
GBP4005G SECOS-GBP4005G Datasheet
364Kb / 2P
   VOLTAGE 50 ~ 1000 V, 4.0AMP Glass Passivated Bridge Rectifiers
FR601G SECOS-FR601G Datasheet
244Kb / 2P
   Voltage 50 ~ 1000 V 6.0Amp Glass Passivated Fast Recovery Rectifiers
GBL2005 SECOS-GBL2005 Datasheet
230Kb / 2P
   Voltage 50 V ~ 1000 V 2.0 Amp Glass Passivated Bridge Rectifiers
SEF101JD SECOS-SEF101JD Datasheet
133Kb / 2P
   Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
SEF201JD SECOS-SEF201JD Datasheet
208Kb / 2P
   Voltage 50 ~ 1000 V 2.0 Amp High Efficiency Recovery Rectifiers
SEF101AM SECOS-SEF101AM Datasheet
168Kb / 2P
   Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
SEF201AM SECOS-SEF201AM Datasheet
169Kb / 2P
   Voltage 50 ~ 1000 V 2.0 Amp High Efficiency Recovery Rectifiers
SEF101FL SECOS-SEF101FL Datasheet
390Kb / 2P
   Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com