Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER507GR Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # HER507GR
Description  Voltage 50 ~ 1000 V 5Amp Glass Passivated High Efficiency Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

HER507GR Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  HER507GR Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH HER507GR Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
HER501GR ~ HER507GR
Voltage 50 ~ 1000 V
5Amp Glass Passivated High Efficiency Rectifiers
18-Nov-2015 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
High speed switching
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202, Methode 208 guranteed
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 1.10 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.
Part Number
Parameter
Symbol
HER
501GR
HER
502GR
HER
503GR
HER
504GR
HER
505GR
HER
506GR
HER
507GR
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Average Forward Current @60Hz Half sine
wave, Resistance load
IF
5.0
A
Peak Forward Surge Current, 60HZ
Half-sine wave,1 cycle, TA=25°C
IFSM
150
A
Maximum Instantaneous Forward Voltage
@ 5.0A
VF
1.0
1.3
1.7
V
TA=25°C
5
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TA=125°C
IR
150
µA
Maximum Reverse Recovery Time
1
TRR
50
75
nS
Typical Junction Capacitance
2
CJ
85
60
pF
RθJA
20
Typical Thermal Resistance
RθJL
10
°C/W
Operating & Storage Temperature
TJ,TSTG
-55~150
°C
Note:
1. Reverse Recovery Time test condition: IF =0.5A, IR=1.0A, IRR =0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
DO-27
A
C
B
A
D
Millimeter
REF.
Min.
Max.
A
25.4 (TYP)
B
7.20
9.53
C
4.80
5.60
D
1.10
1.32


Similar Part No. - HER507GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HER507G ETC-HER507G Datasheet
142Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Zibo Seno Electronic En...
HER507G ZSELEC-HER507G Datasheet
110Kb / 2P
   5A GLASS PASSIVATED ULTRAFAST DIODE
logo
Taiwan Semiconductor Co...
HER507G TSC-HER507G Datasheet
269Kb / 2P
   5.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Yangzhou yangjie electr...
HER507G YANGJIE-HER507G Datasheet
188Kb / 2P
   High Efficient Rectifier
logo
UNIOHM CORPORATION
HER507G UNIOHM-HER507G Datasheet
69Kb / 2P
   5.0 AMP GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER507GR

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
HER501G SECOS-HER501G_15 Datasheet
289Kb / 2P
   5Amp Glass Passivated High Efficiency Rectifiers
HER301GR SECOS-HER301GR Datasheet
175Kb / 2P
   Voltage 50 ~ 1000 V 3Amp Glass Passivated High Efficiency Rectifiers
GBP4005G SECOS-GBP4005G Datasheet
364Kb / 2P
   VOLTAGE 50 ~ 1000 V, 4.0AMP Glass Passivated Bridge Rectifiers
FR601G SECOS-FR601G Datasheet
244Kb / 2P
   Voltage 50 ~ 1000 V 6.0Amp Glass Passivated Fast Recovery Rectifiers
GBL2005 SECOS-GBL2005 Datasheet
230Kb / 2P
   Voltage 50 V ~ 1000 V 2.0 Amp Glass Passivated Bridge Rectifiers
SEF101JD SECOS-SEF101JD Datasheet
133Kb / 2P
   Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
SEF201JD SECOS-SEF201JD Datasheet
208Kb / 2P
   Voltage 50 ~ 1000 V 2.0 Amp High Efficiency Recovery Rectifiers
SEF101AM SECOS-SEF101AM Datasheet
168Kb / 2P
   Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
SEF201AM SECOS-SEF201AM Datasheet
169Kb / 2P
   Voltage 50 ~ 1000 V 2.0 Amp High Efficiency Recovery Rectifiers
SEF101FL SECOS-SEF101FL Datasheet
390Kb / 2P
   Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com