Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X46402V8-3.1 Datasheet(PDF) 5 Page - Xicor Inc.

Part # X46402V8-3.1
Description  Dual Voltage CPU Supervisor with 64K Password Protected EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X46402V8-3.1 Datasheet(HTML) 5 Page - Xicor Inc.

  X46402V8-3.1 Datasheet HTML 1Page - Xicor Inc. X46402V8-3.1 Datasheet HTML 2Page - Xicor Inc. X46402V8-3.1 Datasheet HTML 3Page - Xicor Inc. X46402V8-3.1 Datasheet HTML 4Page - Xicor Inc. X46402V8-3.1 Datasheet HTML 5Page - Xicor Inc. X46402V8-3.1 Datasheet HTML 6Page - Xicor Inc. X46402V8-3.1 Datasheet HTML 7Page - Xicor Inc. X46402V8-3.1 Datasheet HTML 8Page - Xicor Inc. X46402V8-3.1 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
X46402
Preliminary Information
5
Figure 2. Set VTRIP Level Sequence (VCC ≥ VTRIP)
Figure 3. Set V2TRIP Level Sequence (VCC ≥ V2TRIP)
Figure 4. Reset VTRIP Level Sequence (Vcc > 3V, WEL is set.)
012 3 45 67
SCL
SDA
D8h
012 3 45 67
00h
RESET
VP = 15V
012 3 45 67
01h
VTRIP
VCC
01h sets Vcc
012 3 45 67
SCL
SDA
D8h
012 3 45 67
00h
RESET
VP = 15V
012 3 45 67
0Dh
V2TRIP
V2MON
0Dh sets V2MON
SDA
D8h
00h
012 3 45 67
SCL
012 3 45 67
RESET
VP = 15V
012 3 45 67
VTRIP
VCC
03h
03h resets Vcc


Similar Part No. - X46402V8-3.1

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
logo
Intersil Corporation
X4643 INTERSIL-X4643 Datasheet
332Kb / 21P
   CPU Supervidor with 64K EEPROM
logo
Renesas Technology Corp
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
logo
Intersil Corporation
X4643S8 INTERSIL-X4643S8 Datasheet
332Kb / 21P
   CPU Supervidor with 64K EEPROM
logo
Renesas Technology Corp
X4643S8 RENESAS-X4643S8 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
More results

Similar Description - X46402V8-3.1

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40620 XICOR-X40620 Datasheet
350Kb / 17P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
X40626 XICOR-X40626 Datasheet
516Kb / 23P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Intersil Corporation
X40626 INTERSIL-X40626 Datasheet
355Kb / 22P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
logo
Renesas Technology Corp
X4062 RENESAS-X4062 Datasheet
858Kb / 22P
   64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com