Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REJ03F0057_M61520FP Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # REJ03F0057_M61520FP
Description  6ch Electronic Volume with Tone Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

REJ03F0057_M61520FP Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  REJ03F0057_M61520FP Datasheet HTML 1Page - List of Unclassifed Manufacturers REJ03F0057_M61520FP Datasheet HTML 2Page - List of Unclassifed Manufacturers REJ03F0057_M61520FP Datasheet HTML 3Page - List of Unclassifed Manufacturers REJ03F0057_M61520FP Datasheet HTML 4Page - List of Unclassifed Manufacturers REJ03F0057_M61520FP Datasheet HTML 5Page - List of Unclassifed Manufacturers REJ03F0057_M61520FP Datasheet HTML 6Page - List of Unclassifed Manufacturers REJ03F0057_M61520FP Datasheet HTML 7Page - List of Unclassifed Manufacturers REJ03F0057_M61520FP Datasheet HTML 8Page - List of Unclassifed Manufacturers REJ03F0057_M61520FP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
M61520FP
Rev.1.0, Sep.19.2003, page 4 of 15
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Conditions
Max. power-supply voltage
AVCC
10.5
V
DVDD
6.5
V
Internal power dissipation
Pd
1.4
W
Ambient operating temperature
Topr
-20 to +75
°C
Storage temperature
Tstg
-40 to +125
°C
Thermal derating curve
Ambient temperature Ta [°C]
025
0.5
0.7
1.0
1.4
1.5
2.0
0
50
75
100
125
150
Recommended Operating Condition
Limits
Item
Symbol
Min.
Typ.
Max.
Unit
Condition
Power-supply voltage
AVCC
8.0
9.0
10.0
V
DVDD
3.0
5.0
5.5
V
Input voltage (L level)
VIL
0.0
0.8
V
Pins 15, 16, and 17
Input voltage (H level)
VIH
2.0
VDD
V
Pins 15, 16, and 17
Electrical characteristics
Unless otherwise noted, Ta = 25
°C, AVCC = 9.0 V, DVDD = 5.0 V, f = 1 kHz, and bass boosting is switched off.
(1) Power-supply characteristics
Limits
Item
Symbol
Min.
Typ.
Max.
Unit
Condition
Analog power-supply circuit
current
AICC
20
40
mA
Current on pin 73 when AVCC = 5 V,
with no signal
Digital power-supply circuit
current
Dldd
0.8
1.5
mA
Current on pin 24 when DVDD = 5 V,
with no signal


Similar Part No. - REJ03F0057_M61520FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
   2-Phase Stepper Motor Driver
REJ03F0059_M61533FP HITACHI-REJ03F0059_M61533FP Datasheet
374Kb / 13P
   4ch Electronic Volume with AGC
More results

Similar Description - REJ03F0057_M61520FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61541FP RENESAS-M61541FP Datasheet
331Kb / 16P
   6ch Electronic Volume with Tone Control
M61520FP RENESAS-M61520FP Datasheet
244Kb / 16P
   6ch Electronic Volume with Tone Control
logo
Mitsubishi Electric Sem...
M62446AFP MITSUBISHI-M62446AFP Datasheet
5Mb / 19P
   6CH ELECTRONIC VOLUME WITH TONE CONTROL
logo
Renesas Technology Corp
M61539FP RENESAS-M61539FP Datasheet
147Kb / 18P
   6ch Electronic Volume with Tone Control
M62446AFP RENESAS-M62446AFP Datasheet
240Kb / 19P
   6ch Electronic Volume with Tone Control
logo
Mitsubishi Electric Sem...
M62446FP MITSUBISHI-M62446FP Datasheet
105Kb / 13P
   6CH ELECTRIC VOLUME WITH TONE CONTROL
logo
Rohm
BD3814FV ROHM-BD3814FV_1 Datasheet
371Kb / 11P
   6ch Electronic Volume
logo
Silan Microelectronics ...
SC5358 SILAN-SC5358 Datasheet
167Kb / 9P
   6CH ELECTRONIC VOLUME CONTROLLER
logo
Sanyo Semicon Device
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
   Car Stereo Electronic Tone and Volume Control
logo
Renesas Technology Corp
R2S15902FP RENESAS-R2S15902FP Datasheet
469Kb / 16P
   6ch Electronic Volume with 4 Input Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com