Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X46402V8-2.9 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X46402V8-2.9
Description  Dual Voltage CPU Supervisor with 64K Password Protected EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X46402V8-2.9 Datasheet(HTML) 1 Page - Xicor Inc.

  X46402V8-2.9 Datasheet HTML 1Page - Xicor Inc. X46402V8-2.9 Datasheet HTML 2Page - Xicor Inc. X46402V8-2.9 Datasheet HTML 3Page - Xicor Inc. X46402V8-2.9 Datasheet HTML 4Page - Xicor Inc. X46402V8-2.9 Datasheet HTML 5Page - Xicor Inc. X46402V8-2.9 Datasheet HTML 6Page - Xicor Inc. X46402V8-2.9 Datasheet HTML 7Page - Xicor Inc. X46402V8-2.9 Datasheet HTML 8Page - Xicor Inc. X46402V8-2.9 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
©Xicor, Inc. 1994, 1995, 1996, 1998 Patents Pending
9900-3003 5 1/11/00 CM
1
Characteristics subject to change without notice
Preliminary Information
64K
X46402
Functional Diagram
Command
Decode
and
Control
Logic
HV Generation
Timing and Control
Y Decoder
Data Register
Write Control
WP
SCL
SDA
Vcc
V2FAIL
(Vcc) Control Signal
V2MON
RESET
Password Logic
Write Password Area
(64, 128, 256, 512,
2K, 4K, All, None)
(Bytes)
POWER ON AND
GENERATION
V2TRIP
+
-
RESET
LOW VOLTAGE
VTRIP
+
-
RESET &
WATCHDOG
TIMEBASE
Control
WATCHDOG
TIMER RESET
OTP array 1
Passwords
No Password Area
OTP array 2
Dual Voltage CPU Supervisor with 64K Password Protected EEPROM
FEATURES
• Dual Voltage Detection and Reset Assertion
—Low Vcc Monitor
—Low V2MON Monitor
—Low Vcc Block of EEPROM Writes
—RESET Signal Valid down to Vcc=1V
• Selectable Watchdog Timer
—150ms, 450ms, 1s, 5s, 10s, 20s, 1min, OFF
• Volatile Flag shows Watchdog/Low Voltage Reset
• 64kbit 2-wire Serial EEPROM
—1MHz Serial Interface speed
—64-Byte Page Write Mode
• Two 64-Byte OTP memory blocks
—Requires 64-bit OTP password to write
• Adjustable size Password Protected Array
—64 Bit Read and Write Array Passwords
—Non-password protected array area
• 8 count tamper counter for invalid passwords
• Operates at 2.5-3.7V
• 8L TSSOP package
DESCRIPTION
The X46402 combines several functions into one device.
The first is a dual voltage CPU supervisor plus 64Kbit
serial EEPROM memory with password protected write
and read operations. The size of the password protected
area is selectable by 3 control bits. A Write Protect (WP)
pin in conjunction with a WPEN bit provides hardware
OTP control of the configuration of the array. Password
protected areas require 64 bit read or write passwords
prior to access. The eighth illegal password entry
(regardless of the number of correct entries) sets an OTP
tamper bit. This bit is one of the 32 bits in the Device ID.
A secondary voltage monitor circuit activates a V2FAIL
pin when the secondary supply voltage drops below a
V2trip voltage. This circuit is primarily intended to detect
the immediate loss of the battery supply.
A low Vcc voltage detect circuit activates a RESET pin
when Vcc drops below a VTRIP voltage. This signal also
blocks read or write operations.
A watchdog timer with the time period controlled by three
bits provides several possible time out periods from
150ms to 1 minute.


Similar Part No. - X46402V8-2.9

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
logo
Intersil Corporation
X4643 INTERSIL-X4643 Datasheet
332Kb / 21P
   CPU Supervidor with 64K EEPROM
logo
Renesas Technology Corp
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
logo
Intersil Corporation
X4643S8 INTERSIL-X4643S8 Datasheet
332Kb / 21P
   CPU Supervidor with 64K EEPROM
logo
Renesas Technology Corp
X4643S8 RENESAS-X4643S8 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
More results

Similar Description - X46402V8-2.9

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40620 XICOR-X40620 Datasheet
350Kb / 17P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
X40626 XICOR-X40626 Datasheet
516Kb / 23P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Intersil Corporation
X40626 INTERSIL-X40626 Datasheet
355Kb / 22P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
logo
Renesas Technology Corp
X4062 RENESAS-X4062 Datasheet
858Kb / 22P
   64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com