Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6404 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6404
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6404 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6404 Datasheet HTML 1Page - Torex Semiconductor XC6404 Datasheet HTML 2Page - Torex Semiconductor XC6404 Datasheet HTML 3Page - Torex Semiconductor XC6404 Datasheet HTML 4Page - Torex Semiconductor XC6404 Datasheet HTML 5Page - Torex Semiconductor XC6404 Datasheet HTML 6Page - Torex Semiconductor XC6404 Datasheet HTML 7Page - Torex Semiconductor XC6404 Datasheet HTML 8Page - Torex Semiconductor XC6404 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
XC6404 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
! ORDERING INFORMATION
XC6404
123456
Optional Functions :
A : Toggle and EN Function (Preliminary *)
M : SOT-25
VD signal/VR OFF function (Preliminary *)
C : EN Function
P : SOT-89-5
D : CE Function
E : VSEN Pin
F : Cd Pin
Types :
As in the chart below.
Taping Direction:
R: Embossed Tape, Standard feed
L : Embossed Tape, Reverse feed
Detect Voltage Setting Range : 0.9V ~ 5.5V
100mV step increments are available
PIN NUMBER :
2 Types
* The XC6404A and XC6404B series are under development. For further detail, please ask your sales contacts.
F Series
E & F Series
PIN NUMBER
FUNCTION
PIN NUMBER
Packaging Types:
1
FUNCTION
2
34
6
5
VR Setting Output Voltage Range : 0.9V ~ 5.1V
B : Toggle, EN Function,
Internally set sequential number relating to output
voltage and detect voltage (refer to the chart on page
4.)
E
F
H
A
B
C
D
M
N
P
K
L
U
V
X
R
S
T
Y
Z
EN / CE FUNCTION
EN / CE LOGIC
Function
Function
Function
Function
Function
Function
VD SENSE PIN
VD OUTPUT LOGIC
PULL UP/DOWN
RESISTANCE
PIN NUMBER
1
Function
Function
Function
Function
Function
Function
Function
Function
Function
Function
Nonfunctional
Nonfunctional
Nonfunctional
Nonfunctional
Active HIGH
Pull-down Function
Active HIGH
Pull-down Function
Active HIGH
Nonfunctional
Active HIGH
Nonfunctional
VIN
Detect L
Active HIGH
Pull-down Function
VIN
Detect H
VROUT
Detect L
Active HIGH
Pull-down Function
VROUT
Detect H
VIN
Detect L
Active HIGH
Nonfunctional
VIN
Detect H
VROUT
Detect L
Active HIGH
Nonfunctional
VROUT
Detect H
Active LOW
Pull-up Function
VIN
Detect L
Active LOW
Pull-up Function
VIN
Detect H
Active LOW
Pull-up Function
VROUT
Detect L
Nonfunctional
VIN
Detect L
Active LOW
Pull-up Function
VROUT
Detect H
A ~ D Series
Active LOW
Nonfunctional
VROUT
Detect L
Active LOW
Nonfunctional
VIN
Detect H
Active LOW
VIN / VSEN
Detect L
-
Active LOW
Nonfunctional
VROUT
Detect H
-
-
VROUT
Detect H
2
VROUT
Detect L
-
-
VIN / VSEN
-
Detect H
--
Semiconductor Ltd.
Data Sheet
3


Similar Part No. - XC6404

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6401 TOREX-XC6401 Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
logo
List of Unclassifed Man...
XC6401 ETC2-XC6401 Datasheet
6Mb / 212P
   MT6516 Design Notice V1.0
logo
Torex Semiconductor
XC6401EE01DL TOREX-XC6401EE01DL Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
XC6401EE01DR TOREX-XC6401EE01DR Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
XC6401EE01EL TOREX-XC6401EE01EL Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
More results

Similar Description - XC6404

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6402 TOREX-XC6402_1 Datasheet
1Mb / 31P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405 TOREX-XC6405_1 Datasheet
1Mb / 55P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405 TOREX-XC6405 Datasheet
558Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6402 TOREX-XC6402 Datasheet
134Kb / 16P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6413 TOREX-XC6413_1 Datasheet
631Kb / 20P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com