Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9279TV14-2.7 Datasheet(PDF) 10 Page - Xicor Inc.

Part # X9279TV14-2.7
Description  Single Digitally-Controlled (XDCP) Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9279TV14-2.7 Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X9279TV14-2.7 Datasheet HTML 6Page - Xicor Inc. X9279TV14-2.7 Datasheet HTML 7Page - Xicor Inc. X9279TV14-2.7 Datasheet HTML 8Page - Xicor Inc. X9279TV14-2.7 Datasheet HTML 9Page - Xicor Inc. X9279TV14-2.7 Datasheet HTML 10Page - Xicor Inc. X9279TV14-2.7 Datasheet HTML 11Page - Xicor Inc. X9279TV14-2.7 Datasheet HTML 12Page - Xicor Inc. X9279TV14-2.7 Datasheet HTML 13Page - Xicor Inc. X9279TV14-2.7 Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
X9279
Characteristics subject to change without notice.
10 of 24
REV 1.1.7 2/6/03
www.xicor.com
Table 4. Wiper counter Register, WCR (8-bit), WCR[7:0]: Used to store the current wiper position (Volatile, V).
Table 5. Data Register, DR (8-bit), Bit [7:0]: Used to store wiper positions or data (Nonvolatile, NV).
WCR7
WCR6
WCR5
WCR4
WCR3
WCR2
WCR1
WCR0
VVVVVVVV
(MSB)
(LSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
NV
NV
NV
NV
NV
NV
NV
NV
MSB
LSB
Instructions
Four of the seven instructions are three bytes in length.
These instructions are:
– Read Wiper Counter Register – read the current
wiper position of the potentiometer,
– Write Wiper Counter Register – change current
wiper position of the potentiometer,
– Read Data Register – read the contents of the
selected Data Register;
– Write Data Register – write a new value to the
selected Data Register.
The basic sequence of the three byte instructions is
illustrated in Figure 4. These three-byte instructions
exchange data between the WCR and one of the Data
Registers. A transfer from a Data Register to a WCR is
essentially a write to a static RAM, with the static RAM
controlling the wiper position. The response of the
wiper to this action will be delayed by tWRL. A transfer
from the WCR (current wiper position), to a Data
Register is a write to nonvolatile memory and takes a
minimum of tWR to complete. The transfer can occur
between the potentiometer and one of its four
associated registers (Bank 0).
Two instructions require a two-byte sequence to
complete. These instructions transfer data between the
host and the X9279; either between the host and one
of the data registers or directly between the host and
the Wiper Counter Register. These instructions are:
– XFR Data Register to Wiper Counter Register –
This transfers the contents of one specified Data
Register to the Wiper Counter Register.
– XFR Wiper Counter Register to Data Register –
This transfers the contents of the Wiper Counter
Register to the specified Data Register.
The final command is Increment/Decrement (Figure 5
and
6). The
Increment/Decrement
command
is
different
from
the
other
commands.
Once
the
command is issued and the X9279 has responded with
an acknowledge, the master can clock the selected
wiper up and/or down in one segment steps; thereby,
providing a fine tuning capability to the host. For each
SCL clock pulse (tHIGH) while SDA is HIGH, the
selected wiper will move one resistor segment towards
the RH terminal. Similarly, for each SCL clock pulse
while SDA is LOW, the selected wiper will move one
resistor segment towards the RL terminal.
See Instruction format for more details.
Figure 3. Two-Byte Instruction Sequence
These commands only valid when P1=P0=0
S
T
A
R
T
0
101
0 A2
A0
A
C
K
I3
I2 I1 I0
RB RA P1
A
C
K
SCL
SDA
S
T
O
P
00
ID3 ID2 ID1 ID0
P0
Device ID
Internal
Instruction
Opcode
Address
Register
Address
Pot/Bank
Address
A1


Similar Part No. - X9279TV14-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9279TV14-2.7 INTERSIL-X9279TV14-2.7 Datasheet
364Kb / 22P
   Single Supply/Low Power/256-Tap/2-Wire Bus
logo
Renesas Technology Corp
X9279TV14-2.7 RENESAS-X9279TV14-2.7 Datasheet
403Kb / 18P
   Single Supply/Low Power/256-Tap/2-Wire Bus
September 23, 2009
More results

Similar Description - X9279TV14-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com