Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X40626S14I-2.7A Datasheet(PDF) 9 Page - Xicor Inc.

Part # X40626S14I-2.7A
Description  Dual Voltage CPU Supervisor with 64K Serial EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X40626S14I-2.7A Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X40626S14I-2.7A Datasheet HTML 5Page - Xicor Inc. X40626S14I-2.7A Datasheet HTML 6Page - Xicor Inc. X40626S14I-2.7A Datasheet HTML 7Page - Xicor Inc. X40626S14I-2.7A Datasheet HTML 8Page - Xicor Inc. X40626S14I-2.7A Datasheet HTML 9Page - Xicor Inc. X40626S14I-2.7A Datasheet HTML 10Page - Xicor Inc. X40626S14I-2.7A Datasheet HTML 11Page - Xicor Inc. X40626S14I-2.7A Datasheet HTML 12Page - Xicor Inc. X40626S14I-2.7A Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
X40626
REV 1.1.15 2/11/04
Characteristics subject to change without notice.
9 of 23
www.xicor.com
Figure 7. Acknowledge Response From Receiver
Data Output
from Transmitter
Data Output
from Receiver
8
1
9
Start
Acknowledge
SCL from
Master
Serial Write Operations
Byte Write
For a write operation, the device requires the Slave
Address Byte and a Word Address Byte. This gives the
master access to any one of the words in the array. After
receipt of the Word Address Byte, the device responds
with an acknowledge, and awaits the next eight bits of
data. After receiving the 8 bits of the Data Byte, the
device again responds with an acknowledge. The mas-
ter then terminates the transfer by generating a stop
condition, at which time the device begins the internal
write cycle to the nonvolatile memory. During this inter-
nal write cycle, the device inputs are disabled, so the
device will not respond to any requests from the master.
The SDA output is at high impedance. See Figure 8.
Figure 8. Byte Write Sequence
Signals from
the Master
SDA Bus
Signals from
the Slave
S
T
A
R
T
Slave
Address
S
T
O
P
A
C
K
A
C
K
A
C
K
A
C
K
Byte 1
Data
1 0 1 0 0
Word Address
Byte 0
S
P
0
Word Address
S1S0
A write to a protected block of memory will suppress
the acknowledge bit.
Page Write
The device is capable of a page write operation. It is
initiated in the same manner as the byte write opera-
tion; but instead of terminating the write cycle after the
first data byte is transferred, the master can transmit an
unlimited number of 8-bit bytes. After the receipt of
each byte, the device will respond with an acknowl-
edge, and the address is internally incremented by
one. The page address remains constant. When the
counter reaches the end of the page, it “rolls over” and
goes back to ‘0’ on the same page. This means that the
master can write 64 bytes to the page starting at any
location on that page. If the master begins writing at
location 60, and loads 12 bytes, then the first 4 bytes
are written to locations 60 through 63, and the last 8
bytes are written to locations 0 through 7. Afterwards,
the address counter would point to location 8 of the
page that was just written. If the master supplies more
than 64 bytes of data, then new data over-writes the
previous data, one byte at a time.


Similar Part No. - X40626S14I-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40626S14I-2.7A INTERSIL-X40626S14I-2.7A Datasheet
355Kb / 22P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Renesas Technology Corp
X40626S14I-2.7A RENESAS-X40626S14I-2.7A Datasheet
858Kb / 22P
   64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
More results

Similar Description - X40626S14I-2.7A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40620 XICOR-X40620 Datasheet
350Kb / 17P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Intersil Corporation
X40626 INTERSIL-X40626 Datasheet
355Kb / 22P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Renesas Technology Corp
X4062 RENESAS-X4062 Datasheet
858Kb / 22P
   64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
X46402 XICOR-X46402 Datasheet
102Kb / 23P
   Dual Voltage CPU Supervisor with 64K Password Protected EEPROM
logo
Renesas Technology Corp
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com