Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X40626V14-2.7 Datasheet(PDF) 10 Page - Xicor Inc.

Part # X40626V14-2.7
Description  Dual Voltage CPU Supervisor with 64K Serial EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X40626V14-2.7 Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X40626V14-2.7 Datasheet HTML 6Page - Xicor Inc. X40626V14-2.7 Datasheet HTML 7Page - Xicor Inc. X40626V14-2.7 Datasheet HTML 8Page - Xicor Inc. X40626V14-2.7 Datasheet HTML 9Page - Xicor Inc. X40626V14-2.7 Datasheet HTML 10Page - Xicor Inc. X40626V14-2.7 Datasheet HTML 11Page - Xicor Inc. X40626V14-2.7 Datasheet HTML 12Page - Xicor Inc. X40626V14-2.7 Datasheet HTML 13Page - Xicor Inc. X40626V14-2.7 Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
X40626
REV 1.1.15 2/11/04
Characteristics subject to change without notice.
10 of 23
www.xicor.com
Figure 9. Page Write Operation
Figure 10. Writing 12 bytes to a 64-byte page starting at location 60 (Wrap around).
S
T
A
R
T
S
T
O
P
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
Data
(0)
(n)
0
S
P
Data
1 0 1 0
(I
≤ n ≤ 63)
Signals from
the Master
SDA Bus
Signals from
the Slave
Slave
Address
Byte 1
Word Address
Byte 0
Word Address
0 S1S0
address
address
60
4 Bytes
63
8 Bytes
address
= 7
address pointer
ends here
Addr = 8
The master terminates the Data Byte loading by issuing
a stop condition, which causes the device to begin the
nonvolatile write cycle. As with the byte write operation,
all inputs are disabled until completion of the internal
write cycle. See Figure 9 for the address, acknowledge,
and data transfer sequence.
Stops and Write Modes
Stop conditions that terminate write operations must be
sent by the master after sending at least 1 full data byte
plus the subsequent ACK signal. If a stop is issued in
the middle of a data byte, or before 1 full data byte plus
its associated ACK is sent, then the device will reset
itself without performing the write. The contents of the
array will not be effected.
Acknowledge Polling
The disabling of the inputs during nonvolatile cycles
can be used to take advantage of the typical 5mS write
cycle time. Once the stop condition is issued to indicate
the end of the master’s byte load operation, the device
initiates the internal nonvolatile cycle. Acknowledge
polling can be initiated immediately. To do this, the
master issues a start condition followed by the Slave
Address Byte for a write or read operation. If the device
is still busy with the nonvolatile cycle then no ACK will
be returned. If the device has completed the write oper-
ation, an ACK will be returned and the host can then
proceed with the read or write operation. Refer to the
flow chart in Figure 11.


Similar Part No. - X40626V14-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40626V14-2.7 INTERSIL-X40626V14-2.7 Datasheet
355Kb / 22P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Renesas Technology Corp
X40626V14-2.7 RENESAS-X40626V14-2.7 Datasheet
858Kb / 22P
   64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
logo
Intersil Corporation
X40626V14-2.7A INTERSIL-X40626V14-2.7A Datasheet
355Kb / 22P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Renesas Technology Corp
X40626V14-2.7A RENESAS-X40626V14-2.7A Datasheet
858Kb / 22P
   64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
More results

Similar Description - X40626V14-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40620 XICOR-X40620 Datasheet
350Kb / 17P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Intersil Corporation
X40626 INTERSIL-X40626 Datasheet
355Kb / 22P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Renesas Technology Corp
X4062 RENESAS-X4062 Datasheet
858Kb / 22P
   64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
X46402 XICOR-X46402 Datasheet
102Kb / 23P
   Dual Voltage CPU Supervisor with 64K Password Protected EEPROM
logo
Renesas Technology Corp
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com