Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-93C46C Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-93C46C
Description  FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C46C Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-93C46C Datasheet HTML 2Page - Seiko Instruments Inc S-93C46C Datasheet HTML 3Page - Seiko Instruments Inc S-93C46C Datasheet HTML 4Page - Seiko Instruments Inc S-93C46C Datasheet HTML 5Page - Seiko Instruments Inc S-93C46C Datasheet HTML 6Page - Seiko Instruments Inc S-93C46C Datasheet HTML 7Page - Seiko Instruments Inc S-93C46C Datasheet HTML 8Page - Seiko Instruments Inc S-93C46C Datasheet HTML 9Page - Seiko Instruments Inc S-93C46C Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
FOR AUTOMOTIVE 105°C OPERATION 3-WIRE SERIAL E2PROM
S-93C46C/56C/66C/76C/86C H Series
Rev.1.1_00
6
4. HSNT-8(2030)
81
54
Top view
Bottom view
18
45
*1
Pin No.
Symbol
Description
1
CS
Chip select input
2
SK
Serial clock input
3
DI
Serial data input
4
DO
Serial data output
5
GND
Ground
6
TEST
*2
Test
7
NC
No connection
8
VCC
Power supply
*1.
Connect the heat sink of backside at shadowed area to the board, and set electric potential open or GND.
However, do not use it as the function of electrode.
*2.
Connect to GND or the VCC pin, or set to open. Even if this pin is not connected, performance is not affected so
long as the absolute maximum rating is not exceeded.


Similar Part No. - S-93C46C

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C46C SII-S-93C46C Datasheet
2Mb / 39P
   3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93C46C ABLIC-S-93C46C Datasheet
641Kb / 39P
   3-WIRE SERIAL E2PROM
Rev.1.1_01
logo
Seiko Instruments Inc
S-93C46CD0H-A8T1U3 SII-S-93C46CD0H-A8T1U3 Datasheet
1Mb / 39P
   Function to protect against write due to erroneous instruction recognition
S-93C46CD0H-J8T2U3 SII-S-93C46CD0H-J8T2U3 Datasheet
1Mb / 39P
   Function to protect against write due to erroneous instruction recognition
S-93C46CD0H-K8T2U3 SII-S-93C46CD0H-K8T2U3 Datasheet
1Mb / 39P
   Function to protect against write due to erroneous instruction recognition
More results

Similar Description - S-93C46C

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93A46B SII-S-93A46B Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S93C86B-H SII-S93C86B-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S-93C46B-H SII-S-93C46B-H Datasheet
1Mb / 34P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S-93C76A-H SII-S-93C76A-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93A46B ABLIC-S-93A46B Datasheet
550Kb / 39P
   FOR AUTOMOTIVE 125째C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.3_00
logo
Seiko Instruments Inc
S24C128C-H SII-S24C128C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S24C16C-H SII-S24C16C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S-24C32C-H SII-S-24C32C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S24C08C-H SII-S24C08C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S93S46A SII-S93S46A Datasheet
362Kb / 25P
   3-WIRE SERIAL E2PROM FOR AUTOMOTIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com