Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-93C76A-H Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-93C76A-H
Description  FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C76A-H Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-93C76A-H Datasheet HTML 6Page - Seiko Instruments Inc S-93C76A-H Datasheet HTML 7Page - Seiko Instruments Inc S-93C76A-H Datasheet HTML 8Page - Seiko Instruments Inc S-93C76A-H Datasheet HTML 9Page - Seiko Instruments Inc S-93C76A-H Datasheet HTML 10Page - Seiko Instruments Inc S-93C76A-H Datasheet HTML 11Page - Seiko Instruments Inc S-93C76A-H Datasheet HTML 12Page - Seiko Instruments Inc S-93C76A-H Datasheet HTML 13Page - Seiko Instruments Inc S-93C76A-H Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
FOR AUTOMOTIVE 105
°C OPERATION 3-WIRE SERIAL E2PROM
S-93C76A H Series
Rev.3.1_01
10
Operation
All instructions are executed by making CS “H” and then inputting DI at the rising edge of the SK pulse. An instruction
is input in the order of its start bit, instruction, address, and data. The start bit is recognized when “H” of DI is input at
the rising edge of SK after CS has been made “H”. As long as DI remains “L”, therefore, the start bit is not recognized
even if the SK pulse is input after CS has been made “H”. The SK clock input while DI is “L” before the start bit is input
is called a dummy clock. By inserting as many dummy clocks as required before the start bit, the number of clocks the
internal serial interface of the CPU can send out and the number of clocks necessary for operation of the serial memory
IC can be adjusted. Inputting the instruction is complete when CS is made “L”. CS must be made “L” once during the
period of tCDS in between instructions.
“L” of CS indicates a standby status. In this status, input of SK and DI is invalid, and no instruction is accepted.
1. Reading (READ)
The READ instruction is used to read the data at a specified address. When this instruction is executed, the
address A0 is input at the rising edge of SK and the DO pin, which has been in a high-impedance (High-Z) state,
outputs “L”. Subsequently, 16 bits of data are sequentially output at the rising edge of SK.
If SK is output after the 16-bit data of the specified address has been output, the address is automatically
incremented, and the 16-bit data of the next address is then output. By inputting SK sequentially with CS kept at
“H”, the data of the entire memory space can be read. When the address is incremented from the last address (A8
… A1 A0 = 1 … 1 1), it returns to the first address (A8 … A1 A0 = 0 … 0 0).
A8A7A6A5A4A3A2A1A0+1
A8A7A6A5A4A3A2A1A0+2
CS
1
3 4 5 6
7 8 9 10 11 12 13 14 15 16
2
26 27 28 29 30 31
42 43 44 45 46
32
48
SK
1
1
X
0
A8 A7 A6 A5 A4 A3 A2 A1 A0
DI
0 D15 D14 D13
D15 D14 D13
D2 D1 D0
D15 D14 D13
D2 D1 D0
High-Z
DO
High-Z
47
Figure 6 Read Timing


Similar Part No. - S-93C76A-H

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C76A SII-S-93C76A Datasheet
387Kb / 33P
   CMOS SERIAL E2PROM
S-93C76ADFJ-TB-G SII-S-93C76ADFJ-TB-G Datasheet
387Kb / 33P
   CMOS SERIAL E2PROM
S-93C76ADFJ-TBH-G SII-S-93C76ADFJ-TBH-G Datasheet
387Kb / 33P
   CMOS SERIAL E2PROM
S-93C76ADP-TB-G SII-S-93C76ADP-TB-G Datasheet
387Kb / 33P
   CMOS SERIAL E2PROM
S-93C76ADP-TBH-G SII-S-93C76ADP-TBH-G Datasheet
387Kb / 33P
   CMOS SERIAL E2PROM
More results

Similar Description - S-93C76A-H

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93A46B SII-S-93A46B Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S93C86B-H SII-S93C86B-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S-93C46C-H SII-S-93C46C-H Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S-93C46B-H SII-S-93C46B-H Datasheet
1Mb / 34P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93A46B ABLIC-S-93A46B Datasheet
550Kb / 39P
   FOR AUTOMOTIVE 125째C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.3_00
logo
Seiko Instruments Inc
S24C128C-H SII-S24C128C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S24C16C-H SII-S24C16C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S-24C32C-H SII-S-24C32C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S24C08C-H SII-S24C08C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S93S46A SII-S93S46A Datasheet
362Kb / 25P
   3-WIRE SERIAL E2PROM FOR AUTOMOTIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com