Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S93L76A Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S93L76A
Description  LOW VOLTAGE OPERATION 3-WIRE SERIAL E2PROM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S93L76A Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S93L76A Datasheet HTML 6Page - Seiko Instruments Inc S93L76A Datasheet HTML 7Page - Seiko Instruments Inc S93L76A Datasheet HTML 8Page - Seiko Instruments Inc S93L76A Datasheet HTML 9Page - Seiko Instruments Inc S93L76A Datasheet HTML 10Page - Seiko Instruments Inc S93L76A Datasheet HTML 11Page - Seiko Instruments Inc S93L76A Datasheet HTML 12Page - Seiko Instruments Inc S93L76A Datasheet HTML 13Page - Seiko Instruments Inc S93L76A Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
LOW VOLTAGE OPERATION 3-WIRE SERIAL E2PROM
S-93L76A
Rev.6.0_02
10
Initial Delivery State
Initial delivery state of all addresses is “FFFFh”.
Operation
All instructions are executed by making CS “H” and then inputting DI at the rising edge of the SK pulse. An instruction
is input in the order of its start bit, instruction, address, and data. The start bit is recognized when “H” of DI is input at
the rising edge of SK after CS has been made “H”. As long as DI remains “L”, therefore, the start bit is not recognized
even if the SK pulse is input after CS has been made “H”. The SK clock input while DI is “L” before the start bit is input
is called a dummy clock. By inserting as many dummy clocks as required before the start bit, the number of clocks the
internal serial interface of the CPU can send out and the number of clocks necessary for operation of the serial memory
IC can be adjusted. Inputting the instruction is complete when CS is made “L”. CS must be made “L” once during the
period of tCDS in between instructions.
“L” of CS indicates a standby status. In this status, input of SK and DI is invalid, and no instruction is accepted.
1.
Reading (READ)
The READ instruction is used to read the data at a specified address. When this instruction is executed, the
address A0 is input at the rising edge of SK and the DO pin, which has been in a high-impedance (High-Z) state,
outputs “L”. Subsequently, 16 bits of data are sequentially output at the rising edge of SK.
If SK is output after the 16-bit data of the specified address has been output, the address is automatically
incremented, and the 16-bit data of the next address is then output. By inputting SK sequentially with CS kept at
“H”, the data of the entire memory space can be read. When the address is incremented from the last address (A8
… A1 A0 = 1 … 1 1), it returns to the first address (A8 … A1 A0 = 0 … 0 0).
A8A7A6A5A4A3A2A1A0+1
A8A7A6A5A4A3A2A1A0+2
CS
1
3 4 5 6
7 8 9 10 11 12 13 14 15 16
2
26 27 28 29 30 31
42 43 44 45 46
32
48
SK
1
1
X
0
A8 A7 A6 A5 A4 A3 A2 A1 A0
DI
0 D15 D14 D13
D15 D14 D13
D2 D1 D0
D15 D14 D13
D2 D1 D0
High-Z
DO
High-Z
47
Figure 6 Read Timing


Similar Part No. - S93L76A

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S9318 SUMMIT-S9318 Datasheet
34Kb / 6P
   Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface
S9318S SUMMIT-S9318S Datasheet
34Kb / 6P
   Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface
logo
Hamamatsu Corporation
S9345 HAMAMATSU-S9345 Datasheet
99Kb / 2P
   Si PIN photodiode Dual-element photodiode using newly developed small, thin package
S9345 HAMAMATSU-S9345_15 Datasheet
191Kb / 4P
   Si PIN photodiode
logo
Rohm
S9346-ND ROHM-S9346-ND Datasheet
659Kb / 8P
   H-Bridge Motor Drivers For DC Brush Motors
More results

Similar Description - S93L76A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93A46B SII-S-93A46B Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S93C86B-H SII-S93C86B-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S-93C46C-H SII-S-93C46C-H Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S-93C46B-H SII-S-93C46B-H Datasheet
1Mb / 34P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S-93C76A-H SII-S-93C76A-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S-93L46A SII-S-93L46A Datasheet
598Kb / 48P
   LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
S-93L76A SII-S-93L76A Datasheet
437Kb / 34P
   LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
logo
ABLIC Inc.
S-93A46B ABLIC-S-93A46B Datasheet
550Kb / 39P
   FOR AUTOMOTIVE 125째C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.3_00
logo
Seiko Instruments Inc
S-93C46B SII-S-93C46B_1 Datasheet
463Kb / 50P
   3-WIRE SERIAL E2PROM
S-93C46C SII-S-93C46C Datasheet
2Mb / 39P
   3-WIRE SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com