Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-85V1AB28-I6T1U Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-85V1AB28-I6T1U
Description  5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 10 uA QUIESCENT CURRENT
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-85V1AB28-I6T1U Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-85V1AB28-I6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-85V1AB28-I6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-85V1AB28-I6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-85V1AB28-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-85V1AB28-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-85V1AB28-I6T1U Datasheet HTML 10Page - Seiko Instruments Inc S-85V1AB28-I6T1U Datasheet HTML 11Page - Seiko Instruments Inc S-85V1AB28-I6T1U Datasheet HTML 12Page - Seiko Instruments Inc S-85V1AB28-I6T1U Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 10
μA QUIESCENT CURRENT
Rev.1.0_00
S-85V1A Series
9
5. Thermal shutdown function
The S-85V1A Series has a built-in thermal shutdown circuit to limit overheating. When the junction temperature
increases to 135°C typ., the thermal shutdown circuit becomes the detection status, and the switching operation is
stopped. When the junction temperature decreases to 115°C typ., the thermal shutdown circuit becomes the release
status, and the switching operation is restarted.
If the thermal shutdown circuit becomes the detection status due to self-heating, the switching operation is stopped
and output voltage (VOUT) decreases. For this reason, the self-heating is limited and the temperature of the IC
decreases. The thermal shutdown circuit becomes release status when the temperature of the IC decreases, and
the switching operation is restarted, thus the self-heating is generated again. Repeating this procedure makes the
waveform of VOUT into a pulse-like form. Switching operation stopping and starting can be stopped by either setting
the EN pin to "L", lowering the output current (IOUT) to reduce internal power consumption, or decreasing the ambient
temperature.
Table 8
Thermal Shutdown Circuit
VOUT Pin Voltage
Release: 115
°C typ.
*1
Set value
Detection: 135
°C typ.
*1
"High-Z"
*1. Junction temperature
6. Overcurrent protection function
The S-85V1A Series has a built-in current limit circuit.
The overcurrent protection circuit monitors the current that flows through the low side power MOS FET and limits
current to prevent thermal destruction of the IC due to an overload, magnetic saturation in the inductor, etc.
When a current exceeding the current limit (ILIM) flows through the low side power MOS FET, the current limit circuit
operates and prohibits turning on the high side power MOS FET until the current falls below the low side current limit
(ILIMDET). If the value of the current that flows through the low side power MOS FET falls to the ILIMDET or lower, the
S-85V1A Series returns to normal operation. ILIMDET is fixed at 270 mA typ. in the IC, and ILIM will vary depending on
the external parts to be used.
The relation between ILIM, the inductor value (L), the input voltage (VIN), and the output voltage (VOUT) are shown in
the following expression.
ILIM = ILIMDET
+
1
2
× L × fSW ×
(VIN
− VOUT) × VOUT
VIN


Similar Part No. - S-85V1AB28-I6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-85V1AB28-I6T1U ABLIC-S-85V1AB28-I6T1U Datasheet
1Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 10 ?쵡 QUIESCENT CURRENT
Rev.1.2_00
More results

Similar Description - S-85V1AB28-I6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-85V1A ABLIC-S-85V1A Datasheet
1Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 10 ?쵡 QUIESCENT CURRENT
Rev.1.2_00
logo
Seiko Instruments Inc
S85S1A SII-S85S1A Datasheet
2Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
logo
ABLIC Inc.
S-85S1A ABLIC-S-85S1A Datasheet
1Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.4_00
logo
Seiko Instruments Inc
S-85S0A SII-S-85S0A Datasheet
2Mb / 30P
   5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
logo
ABLIC Inc.
S-85S0A ABLIC-S-85S0A Datasheet
1Mb / 30P
   5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.2_00
logo
Seiko Instruments Inc
S85S1P SII-S85S1P Datasheet
3Mb / 38P
   POWER MONITORING OUTPUT, 5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
logo
ABLIC Inc.
S-85S1P ABLIC-S-85S1P Datasheet
1Mb / 38P
   SUPPLY VOLTAGE DIVIDED OUTPUT, 5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.5_01
S-85M1A ABLIC-S-85M1A Datasheet
674Kb / 28P
   5.6 V INPUT, 200 mA, LOW EMI, SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.0_00
logo
STMicroelectronics
L7983 STMICROELECTRONICS-L7983 Datasheet
1Mb / 43P
   60 V, 300 mA synchronous step-down switching regulator with 10 關A quiescent current
Rev 1 - October 2020
logo
ABLIC Inc.
S-85S0P ABLIC-S-85S0P Datasheet
1Mb / 38P
   SUPPLY VOLTAGE DIVIDED OUTPUT, 5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com