Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-85V1AB33-I6T1U Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-85V1AB33-I6T1U
Description  5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 10 uA QUIESCENT CURRENT
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-85V1AB33-I6T1U Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-85V1AB33-I6T1U Datasheet HTML 1Page - Seiko Instruments Inc S-85V1AB33-I6T1U Datasheet HTML 2Page - Seiko Instruments Inc S-85V1AB33-I6T1U Datasheet HTML 3Page - Seiko Instruments Inc S-85V1AB33-I6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-85V1AB33-I6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-85V1AB33-I6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-85V1AB33-I6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-85V1AB33-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-85V1AB33-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 10
μA QUIESCENT CURRENT
S-85V1A Series
Rev.1.0_00
4
3. Product name list
Table 2
Output Voltage (VOUT)
S-85V1A Series
0.7 V
± 15 mV
S-85V1AB07-I6T1U
0.8 V
± 15 mV
S-85V1AB08-I6T1U
0.9 V
± 15 mV
S-85V1AB09-I6T1U
1.0 V
± 1.5%
S-85V1AB10-I6T1U
1.1 V
± 1.5%
S-85V1AB11-I6T1U
1.2 V
± 1.5%
S-85V1AB12-I6T1U
1.3 V
± 1.5%
S-85V1AB13-I6T1U
1.4 V
± 1.5%
S-85V1AB14-I6T1U
1.5 V
± 1.5%
S-85V1AB15-I6T1U
1.6 V
± 1.5%
S-85V1AB16-I6T1U
1.7 V
± 1.5%
S-85V1AB17-I6T1U
1.8 V
± 1.5%
S-85V1AB18-I6T1U
1.9 V
± 1.5%
S-85V1AB19-I6T1U
2.0 V
± 1.5%
S-85V1AB20-I6T1U
2.1 V
± 1.5%
S-85V1AB21-I6T1U
2.2 V
± 1.5%
S-85V1AB22-I6T1U
2.3 V
± 1.5%
S-85V1AB23-I6T1U
2.4 V
± 1.5%
S-85V1AB24-I6T1U
2.5 V
± 1.5%
S-85V1AB25-I6T1U
2.6 V
± 1.5%
S-85V1AB26-I6T1U
2.7 V
± 1.5%
S-85V1AB27-I6T1U
2.8 V
± 1.5%
S-85V1AB28-I6T1U
2.9 V
± 1.5%
S-85V1AB29-I6T1U
3.0 V
± 1.5%
S-85V1AB30-I6T1U
3.1 V
± 1.5%
S-85V1AB31-I6T1U
3.2 V
± 1.5%
S-85V1AB32-I6T1U
3.3 V
± 1.5%
S-85V1AB33-I6T1U
3.4 V
± 1.5%
S-85V1AB34-I6T1U
3.5 V
± 1.5%
S-85V1AB35-I6T1U
3.6 V
± 1.5%
S-85V1AB36-I6T1U
3.7 V
± 1.5%
S-85V1AB37-I6T1U
3.8 V
± 1.5%
S-85V1AB38-I6T1U
3.9 V
± 1.5%
S-85V1AB39-I6T1U
Remark Please contact our sales office for products with specifications other than the above.


Similar Part No. - S-85V1AB33-I6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-85V1AB33-I6T1U ABLIC-S-85V1AB33-I6T1U Datasheet
1Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 10 ?쵡 QUIESCENT CURRENT
Rev.1.2_00
More results

Similar Description - S-85V1AB33-I6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-85V1A ABLIC-S-85V1A Datasheet
1Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 10 ?쵡 QUIESCENT CURRENT
Rev.1.2_00
logo
Seiko Instruments Inc
S85S1A SII-S85S1A Datasheet
2Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
logo
ABLIC Inc.
S-85S1A ABLIC-S-85S1A Datasheet
1Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.4_00
logo
Seiko Instruments Inc
S-85S0A SII-S-85S0A Datasheet
2Mb / 30P
   5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
logo
ABLIC Inc.
S-85S0A ABLIC-S-85S0A Datasheet
1Mb / 30P
   5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.2_00
logo
Seiko Instruments Inc
S85S1P SII-S85S1P Datasheet
3Mb / 38P
   POWER MONITORING OUTPUT, 5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
logo
ABLIC Inc.
S-85S1P ABLIC-S-85S1P Datasheet
1Mb / 38P
   SUPPLY VOLTAGE DIVIDED OUTPUT, 5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.5_01
S-85M1A ABLIC-S-85M1A Datasheet
674Kb / 28P
   5.6 V INPUT, 200 mA, LOW EMI, SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.0_00
logo
STMicroelectronics
L7983 STMICROELECTRONICS-L7983 Datasheet
1Mb / 43P
   60 V, 300 mA synchronous step-down switching regulator with 10 關A quiescent current
Rev 1 - October 2020
logo
ABLIC Inc.
S-85S0P ABLIC-S-85S0P Datasheet
1Mb / 38P
   SUPPLY VOLTAGE DIVIDED OUTPUT, 5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com