Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XL9020P Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # XL9020P
Description  2,048-Bit Serial Electrically Erasable PROM 2.7 to 5.5 Volt Operation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XL9020P Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button XL9020P Datasheet HTML 4Page - List of Unclassifed Manufacturers XL9020P Datasheet HTML 5Page - List of Unclassifed Manufacturers XL9020P Datasheet HTML 6Page - List of Unclassifed Manufacturers XL9020P Datasheet HTML 7Page - List of Unclassifed Manufacturers XL9020P Datasheet HTML 8Page - List of Unclassifed Manufacturers XL9020P Datasheet HTML 9Page - List of Unclassifed Manufacturers XL9020P Datasheet HTML 10Page - List of Unclassifed Manufacturers XL9020P Datasheet HTML 11Page - List of Unclassifed Manufacturers XL9020P Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
XL9020
D0018 5/96
DVPTD 6931-05
PACKAGE DIAGRAMS
* See cover page for pinout options.
8 Pin SOIC (Type “F”) EIAJ Package* (175 mil body width)
SEATING
PLANE
10° Max.
.275 (6.99) TYP.
.050 (1.27) TYP.
.030 (.762) TYP.
8 Places
.050 (1.270) TYP.
8 Places
FOOTPRINT
.201
.193
8pn EIAJ SOIC ILL.3
.006 (.15)
.006 ± .002
(.15 ± .05)
.012 (.30) Min.
.035 (.90) Ref.
5.10
4.90
.252
.236
.177
.169
PIN #1
4
5
8
4.50
4.30
.063
.055
.160
.140
.008
.000
.050 (1.27)
BSC
.20
0
6.40
6.00
.020
.012
.50
.30
ALL DIMENSIONS IN INCHES (MM).
ALL DIMENSIONS IN INCHES (MM).
Plastic Dual-in-line (Type “P”) Package (PDIP)
.375
(9.525)
PIN 1 INDICATOR
.015 (.381) Min.
.130 (3.302)
.100 (2.54)
TYP.
.018 (.457)
TYP.
.060 ± .005
(1.524) ± .127
TYP.
.130 (3.302)
SEATING PLANE
.070 (1.778)
.0375 (0.952)
.300 (7.620)
5°-7°TYP.
(4 PLCS)
.350 (8.89)
.009 ± .002
(.229 ± .051)
0°-15°
.250
(6.350)
8pn PDIP/P ILL.3


Similar Description - XL9020P

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
   2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC56 ROHM-BR93LC56 Datasheet
127Kb / 12P
   2,048-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
   1,024-Bit Serial Electrically Erasable PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
   4,096-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS24C16 ISSI-IS24C16 Datasheet
76Kb / 10P
   16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66-3 ISSI-IS93C66-3 Datasheet
83Kb / 10P
   4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com