Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XL9020P Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # XL9020P
Description  2,048-Bit Serial Electrically Erasable PROM 2.7 to 5.5 Volt Operation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XL9020P Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button XL9020P Datasheet HTML 4Page - List of Unclassifed Manufacturers XL9020P Datasheet HTML 5Page - List of Unclassifed Manufacturers XL9020P Datasheet HTML 6Page - List of Unclassifed Manufacturers XL9020P Datasheet HTML 7Page - List of Unclassifed Manufacturers XL9020P Datasheet HTML 8Page - List of Unclassifed Manufacturers XL9020P Datasheet HTML 9Page - List of Unclassifed Manufacturers XL9020P Datasheet HTML 10Page - List of Unclassifed Manufacturers XL9020P Datasheet HTML 11Page - List of Unclassifed Manufacturers XL9020P Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
XL9020
D0018 5/96
DVPTD 6931-05
MARKING INFORMATION
YWW
XL9020P
YWW
9020
Marking for
XL9020P
Marking for
XL9020F
D0018 ILL C01.2
* See cover page for pinout options.
systems. The following diagram provides general infor-
mation regarding the direction of the IC’s. Tape “E2” shall
be designated with PIN 1 at the trail direction.
TAPE AND REEL (EMBOSSED) INFORMATION
Surface mount devices, which are normally shipped in
antistatic plastic tubes, are also available mounted on
embossed tape for customers using automatic placement
E2
PIN 1
Tape
un-reel
direction
T&R ILL.2
Quantity per reel: 2,500 SOIC parts.


Similar Description - XL9020P

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
   2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC56 ROHM-BR93LC56 Datasheet
127Kb / 12P
   2,048-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
   1,024-Bit Serial Electrically Erasable PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
   4,096-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS24C16 ISSI-IS24C16 Datasheet
76Kb / 10P
   16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66-3 ISSI-IS93C66-3 Datasheet
83Kb / 10P
   4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com