Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1142BC5H-E6T2U Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-1142BC5H-E6T2U
Description  HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT OPERATION CMOS VOLTAGE REGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1142BC5H-E6T2U Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-1142BC5H-E6T2U Datasheet HTML 4Page - Seiko Instruments Inc S-1142BC5H-E6T2U Datasheet HTML 5Page - Seiko Instruments Inc S-1142BC5H-E6T2U Datasheet HTML 6Page - Seiko Instruments Inc S-1142BC5H-E6T2U Datasheet HTML 7Page - Seiko Instruments Inc S-1142BC5H-E6T2U Datasheet HTML 8Page - Seiko Instruments Inc S-1142BC5H-E6T2U Datasheet HTML 9Page - Seiko Instruments Inc S-1142BC5H-E6T2U Datasheet HTML 10Page - Seiko Instruments Inc S-1142BC5H-E6T2U Datasheet HTML 11Page - Seiko Instruments Inc S-1142BC5H-E6T2U Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT 105
°C OPERATION CMOS VOLTAGE REGULATOR
S-1142A/BxxH Series
Rev.2.2_01
8
Electrical Characteristics
Table 8 (1 / 2)
(Tj =
−40°C ~ +125°C, Ta = −40°C ~ +105°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Output voltage*1
VOUT(E)
VIN = 13.5 V,
IOUT = 30 mA,
−40°C ≤ Tj ≤ +105°C
2.0 V
≤ VOUT(S) < 12.5 V
VOUT(S)
× 0.97
VOUT(S)
VOUT(S)
× 1.03
V
1
VIN = VOUT(S)
+ 1.0 V,
IOUT = 30 mA,
−40°C ≤ Tj ≤ +105°C
12.5 V
≤ VOUT(S) ≤ 15.0 V
VOUT(S)
× 0.97
VOUT(S)
VOUT(S)
× 1.03
V
1
Output current*2
IOUT
VIN
≥ VOUT(S) + 2.0 V
200*4
mA
3
Dropout voltage*3 Vdrop
IOUT = 100 mA
Ta =
+25°C
2.0 V
≤ VOUT(S) < 2.2 V
1.0
V
1
2.2 V
≤ VOUT(S) < 2.4 V
0.8
V
1
2.4 V
≤ VOUT(S) < 2.6 V
0.6
V
1
2.6 V
≤ VOUT(S) < 3.0 V
0.45
V
1
3.0 V
≤ VOUT(S) < 3.5 V
0.35
V
1
3.5 V
≤ VOUT(S) < 4.0 V
0.3
V
1
4.0 V
≤ VOUT(S) < 5.0 V
0.27
V
1
5.0 V
≤ VOUT(S) < 7.0 V
0.23
V
1
7.0 V
≤ VOUT(S) < 9.0 V
0.2
V
1
9.0 V
≤ VOUT(S) ≤ 15.0 V
0.18
V
1
IOUT = 200 mA
Ta =
+25°C
2.0 V
≤ VOUT(S) < 2.2 V
1.12
V
1
2.2 V
≤ VOUT(S) < 2.4 V
1.02
V
1
2.4 V
≤ VOUT(S) < 2.6 V
0.92
V
1
2.6 V
≤ VOUT(S) < 3.0 V
0.82
V
1
3.0 V
≤ VOUT(S) < 3.5 V
0.72
V
1
3.5 V
≤ VOUT(S) < 4.0 V
0.62
V
1
4.0 V
≤ VOUT(S) < 5.0 V
0.55
V
1
5.0 V
≤ VOUT(S) < 7.0 V
0.5
V
1
7.0 V
≤ VOUT(S) < 9.0 V
0.45
V
1
9.0 V
≤ VOUT(S) ≤ 15.0 V
0.4
V
1
Line regulation
OUT
IN
1
OUT
V
V
V
Δ
Δ
VOUT(S)
+ 1.0 V ≤ VIN ≤ 30 V, IOUT = 30 mA
0.05
0.3
%/V
1
Load regulation
ΔVOUT2
VIN = 13.5 V, 2.0 V
≤ VOUT(S) < 5.1 V,
0.1 mA
≤ IOUT ≤ 40 mA
20
70
mV
1
VIN = 13.5 V, 5.1 V
≤ VOUT(S) < 12.1 V,
0.1 mA
≤ IOUT ≤ 40 mA
20
150
mV
1
VIN = 16.0 V, 12.1 V
≤ VOUT(S) ≤ 15.0 V,
0.1 mA
≤ IOUT ≤ 40 mA
25
215
mV
1
Current
consumption
during operation
ISS1
VIN = 13.5 V,
ON / OFF pin = ON,
no load
2.0 V
≤ VOUT(S) < 12.5 V
4.0
9.0
μA
2
VIN = VOUT(S)
+ 1.0 V,
ON / OFF pin = ON,
no load
12.5 V
≤ VOUT(S) ≤ 15.0 V
4.0
9.0
μA
2
Current
consumption
during power-off
ISS2
VIN = 13.5 V,
ON / OFF pin = OFF,
no load
2.0 V
≤ VOUT(S) < 12.5 V
0.1
2.5
μA
2
VIN = VOUT(S)
+ 1.0 V,
ON / OFF pin = OFF,
no load
12.5 V
≤ VOUT(S) ≤ 15.0 V
0.1
2.5
μA
2
Input voltage
VIN
3.0
50
V


Similar Part No. - S-1142BC5H-E6T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1142BC5I-E6T1U SII-S-1142BC5I-E6T1U Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142BC5I-E6T1U ABLIC-S-1142BC5I-E6T1U Datasheet
478Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.2_02
More results

Similar Description - S-1142BC5H-E6T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1142C-H SII-S1142C-H Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT OPERATION CMOS VOLTAGE REGULATOR
S19200AXXH SII-S19200AXXH Datasheet
3Mb / 37P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142A ABLIC-S-1142A Datasheet
478Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.2_02
logo
Seiko Instruments Inc
S19200AXXA SII-S19200AXXA Datasheet
2Mb / 32P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S1142C-A SII-S1142C-A Datasheet
1Mb / 31P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1142A SII-S-1142A Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S1212B SII-S1212B Datasheet
3Mb / 58P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1142C SII-S-1142C Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142C ABLIC-S-1142C Datasheet
451Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.3_00
logo
Seiko Instruments Inc
S19212BXXA SII-S19212BXXA Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com