Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XL9020F Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # XL9020F
Description  2,048-Bit Serial Electrically Erasable PROM 2.7 to 5.5 Volt Operation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XL9020F Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button XL9020F Datasheet HTML 2Page - List of Unclassifed Manufacturers XL9020F Datasheet HTML 3Page - List of Unclassifed Manufacturers XL9020F Datasheet HTML 4Page - List of Unclassifed Manufacturers XL9020F Datasheet HTML 5Page - List of Unclassifed Manufacturers XL9020F Datasheet HTML 6Page - List of Unclassifed Manufacturers XL9020F Datasheet HTML 7Page - List of Unclassifed Manufacturers XL9020F Datasheet HTML 8Page - List of Unclassifed Manufacturers XL9020F Datasheet HTML 9Page - List of Unclassifed Manufacturers XL9020F Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
XL9020
D0018 5/96
DVPTD 6931-05
FIGURE 2. READ CYCLE TIMING
1
48
16
32
11
1
0
0
0
0
0
A0
A6
0
D0
D15
tCS
STANDBY
tOH
HI -Z
HI -Z
SK
CS
DI
DO
R/B
H
D0018 ILL F02.1
FIGURE 3. WRITE CYCLE TIMING
tCS
tE/W
tSV
tWCS
tWCS
tWCH
1
0
1
0
0
1
0
0
A 0
A 6
0
D 0
D15
HI-Z
HI-Z
1
4
8
16
32
SK
CS
DI
DO
R/B
WC
D0018 ILL F03.2


Similar Description - XL9020F

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
   2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC56 ROHM-BR93LC56 Datasheet
127Kb / 12P
   2,048-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
   1,024-Bit Serial Electrically Erasable PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
   4,096-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS24C16 ISSI-IS24C16 Datasheet
76Kb / 10P
   16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66-3 ISSI-IS93C66-3 Datasheet
83Kb / 10P
   4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com