Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM02BA-8DP5S-050 Datasheet(PDF) 3 Page - DDK Ltd.

Part # CM02BA-8DP5S-050
Description  DeviceNet Micro-Style Connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM02BA-8DP5S-050 Datasheet(HTML) 3 Page - DDK Ltd.

  CM02BA-8DP5S-050 Datasheet HTML 1Page - DDK Ltd. CM02BA-8DP5S-050 Datasheet HTML 2Page - DDK Ltd. CM02BA-8DP5S-050 Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Unit:mm
http://www.ddknet.co.jp
CM02B Series
3
◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
○Terminating Resistor
・Terminated between No. 4 and No. 5 with resistor, 121 ohm,1/4 watt.
P/N : CM02B-8DER5P
Jack with pin contacts
1
2
3
4
5
NC
NC
NC
121Ω
M121 Thread
43
Wiring Diagram
5
P/N : CM02B-8DER5S
Plug with socket contacts
1
2
3
4
5
NC
NC
NC
121Ω
40
M121 Thread
Wiring Diagram
5


Similar Part No. - CM02BA-8DP5S-050

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM02BA-8DP5S-050 DDK-CM02BA-8DP5S-050 Datasheet
216Kb / 3P
   DeviceNet Micro-Style Connectors
More results

Similar Description - CM02BA-8DP5S-050

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM02-8D2TA5-CF DDK-CM02-8D2TA5-CF Datasheet
797Kb / 6P
   DeviceNet Micro-Style Connectors
CM02 DDK-CM02 Datasheet
301Kb / 6P
   DeviceNet Micro-Style Connectors
CM02B DDK-CM02B Datasheet
216Kb / 3P
   DeviceNet Micro-Style Connectors
CM03A DDK-CM03A Datasheet
292Kb / 5P
   DeviceNet Mini-style Connectors
CM03A-R4P-S DDK-CM03A-R4P-S Datasheet
727Kb / 2P
   DeviceNet Mini-Style Connectors
CM03 DDK-CM03 Datasheet
234Kb / 3P
   DeviceNet Mini-Style Connectors
CM03AA-P4S-010 DDK-CM03AA-P4S-010 Datasheet
1Mb / 5P
   DeviceNet Mini-style Connectors
CM03-P4S DDK-CM03-P4S Datasheet
214Kb / 3P
   DeviceNet Mini-Style Connectors
CM03A DDK-CM03A_1 Datasheet
146Kb / 2P
   DeviceNet Mini-Style Connectors
logo
Molex Electronics Ltd.
1300390336 MOLEX-1300390336 Datasheet
45Kb / 2P
   DeviceNet Micro-Change (M12) Pass-Through 4 Port
03/11/2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com