Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1135A23-A6T1U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-1135A23-A6T1U
Description  HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1135A23-A6T1U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-1135A23-A6T1U Datasheet HTML 1Page - Seiko Instruments Inc S-1135A23-A6T1U Datasheet HTML 2Page - Seiko Instruments Inc S-1135A23-A6T1U Datasheet HTML 3Page - Seiko Instruments Inc S-1135A23-A6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-1135A23-A6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-1135A23-A6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-1135A23-A6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-1135A23-A6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-1135A23-A6T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
S-1135 Series
www.sii-ic.com
HIGH RIPPLE-REJECTION LOW DROPOUT
MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
© SII Semiconductor Corporation, 2008-2015
Rev.2.2_01
1
The S-1135 Series, developed using the CMOS technology, is a positive voltage regulator IC which has the low dropout
voltage, the high-accuracy output voltage and the low current consumption (300 mA output current).
A 1.0
μF small ceramic capacitor can be used. It operates with low current consumption of 45 μA typ.
The overcurrent protection circuit prevents the load current from exceeding the current capacity of the output transistor. The
ON / OFF circuit ensures longer battery life.
Various capacitors, also small ceramic capacitors, can be used for this IC more than for the conventional regulator ICs which
have CMOS technology.
Furthermore, a small SOT-89-5, SOT-23-5, and HSNT-6A packages realize high-density mounting.
Features
• Output voltage:
1.0 V to 3.5 V, selectable in 0.05 V step
• Input voltage:
1.5 V to 5.5 V
• Output voltage accuracy:
±1.0% (1.0 V to 1.45 V output product : ±15 mV)
• Dropout voltage:
160 mV typ. (2.6 V output product, IOUT
= 300 mA)
• Current consumption:
During operation:
45
μA typ., 65 μA max.
During power-off:
0.1
μA typ., 1.0 μA max.
• Output current:
Possible to output 300 mA (VIN
≥ VOUT(S) + 1.0 V)*1
• Input and output capacitors :
A ceramic capacitor of 1.0
μF or more can be used.
• Ripple rejection:
70 dB typ. (1.0 V output product, f = 1.0 kHz)
• Built-in overcurrent protection circuit:
Limits overcurrent of output transistor.
• Built-in ON / OFF circuit:
Ensures long battery life.
• Discharge shunt function is selectable.
• Pull-up or pull-down resistor is selectable.
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free, Sn 100%, halogen-free*2
*1. Attention should be paid to the power dissipation of the package when the output current is large.
*2. Refer to “ Product Name Structure” for details.
Applications
• Power supply for battery-powered device
• Power supply for cellular phone
• Power supply for portable equipment
Packages
• SOT-89-5
• SOT-23-5
• HSNT-6A


Similar Part No. - S-1135A23-A6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1135A23-A6T1U ABLIC-S-1135A23-A6T1U Datasheet
558Kb / 48P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR
Rev.2.3_00
More results

Similar Description - S-1135A23-A6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1132 SII-S-1132 Datasheet
531Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1131 SII-S-1131 Datasheet
451Kb / 29P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1133 SII-S-1133 Datasheet
645Kb / 37P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1133 ABLIC-S-1133 Datasheet
727Kb / 38P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-1132B33-U5T1G SII-S-1132B33-U5T1G Datasheet
549Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1132 ABLIC-S-1132 Datasheet
591Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.2_02
S-1131 ABLIC-S-1131 Datasheet
463Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.1_02
logo
Seiko Instruments Inc
S-1172 SII-S-1172 Datasheet
654Kb / 34P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136_12 Datasheet
290Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136 Datasheet
229Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com