Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH6345-X007T Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SFH6345-X007T
Description  Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/μs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6345-X007T Datasheet(HTML) 2 Page - Vishay Siliconix

  SFH6345-X007T Datasheet HTML 1Page - Vishay Siliconix SFH6345-X007T Datasheet HTML 2Page - Vishay Siliconix SFH6345-X007T Datasheet HTML 3Page - Vishay Siliconix SFH6345-X007T Datasheet HTML 4Page - Vishay Siliconix SFH6345-X007T Datasheet HTML 5Page - Vishay Siliconix SFH6345-X007T Datasheet HTML 6Page - Vishay Siliconix SFH6345-X007T Datasheet HTML 7Page - Vishay Siliconix SFH6345-X007T Datasheet HTML 8Page - Vishay Siliconix SFH6345-X007T Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SFH6345
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 03-Aug-15
2
Document Number: 83680
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
Notes
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
(1) Tamb = 0 °C to 70 °C, unless otherwise specified, typical values Tamb = 25 °C.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
3V
DC forward current
IF
25
mA
Surge forward current
tp = 1 μs, 300 pulses/s
IFSM
1A
Power dissipation
Pdiss
45
mW
OUTPUT
Supply voltage
VS
-0.5 to 30
V
Output voltage
VO
-0.5 to 25
V
Output current
IO
8mA
Power dissipation
Pdiss
100
mW
COUPLER
Storage temperature range
Tstg
-55 to +150
°C
Ambient temperature range
Tamb
-55 to +100
°C
Junction temperature
Tj
125
°C
Soldering temperature
max. 10 s, max. dip soldering:
distance to seating plane
≥ 1.5 mm
Tsld
260
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 16 mA
VF
-
1.33
1.9
V
Reverse current
VR = 3 V
IR
-
0.5
10
μA
Capacitance
VR = 0 V, f = 1 MHz
CO
-30
-
pF
Thermal resistance
Rthja
-
700
-
K/W
OUTPUT
Supply current, logic high
IF = 0 V, VO = open, VCC = 15 V
ICCH
-0.01
1
μA
ICCH (1)
-0.01
2
μA
Output current, output high
IF = 0 V, VO = VCC = 5.5 V
IOH
-
0.003
0.5
μA
IF = 0 V, VO = VCC = 15 V
IOH
-0.01
1
μA
IOH (1)
-
-
50
μA
Collector emitter capacitance
VCE = 5 V, f = 1 MHz
CCE
-3
-
pF
Thermal resistance
Rthja
-
300
-
K/W
COUPLER
Coupling capacitance
CC
-0.6
-
pF
Collector emitter saturation voltage
IF = 16 mA, IO = 2.4 mA,
VCC = 4.5 V
VOL
-0.1
0.4
V
Logic low supply current
IF = 16 mA, VO = open, VCC = 15 V
ICCL
-
80
200
μA


Similar Part No. - SFH6345-X007T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6345-X007T VISHAY-SFH6345-X007T Datasheet
178Kb / 7P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/us
Rev. 2.1, 09-Mar-12
SFH6345-X007T VISHAY-SFH6345-X007T Datasheet
214Kb / 10P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/μs
01-Jan-2022
More results

Similar Description - SFH6345-X007T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6345 VISHAY-SFH6345_V01 Datasheet
214Kb / 10P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/μs
01-Jan-2022
SFH6345-X001 VISHAY-SFH6345-X001 Datasheet
178Kb / 7P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/us
Rev. 2.1, 09-Mar-12
SFH6345-X007T VISHAY-SFH6345-X007T Datasheet
178Kb / 7P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/us
Rev. 2.1, 09-Mar-12
SFH6345-X017T VISHAY-SFH6345-X017T Datasheet
178Kb / 7P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/關s
Rev. 2.1, 09-Mar-12
VOM453 VISHAY-VOM453_V01 Datasheet
130Kb / 9P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, SOP-5 Package
01-Jan-2022
SFH6345 VISHAY-SFH6345_08 Datasheet
182Kb / 8P
   High Speed Optocoupler, 1 Mbd, 15 kV/µs CMR, Transistor Output
Rev. 1.6, 18-Feb-08
logo
Broadcom Corporation.
ACNT-H343 BOARDCOM-ACNT-H343 Datasheet
525Kb / 16P
   5-Amp Gate Drive Optocoupler in 15-mm SSO8 Package with 100-kV/μs Noise Immunity
April 10, 2020
logo
Vishay Siliconix
SFH6700 VISHAY-SFH6700_05 Datasheet
1Mb / 15P
   High Speed Optocoupler, 5 MBd, 1 kV/µs dV/dt
Rev. 1.5, 15-Apr-05
SFH6701 VISHAY-SFH6701 Datasheet
408Kb / 16P
   High Speed Optocoupler, 5 MBd, 1 kV/us dV/dt
Rev. 1.3, 27-Apr-04
logo
Unisonic Technologies
U74ACT00G-S14-R UTC-U74ACT00G-S14-R Datasheet
183Kb / 4P
   High Noise Immunity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com