Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH6755 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SFH6755
Description  High Speed Optocoupler, 10 MBd, SOIC-8 Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6755 Datasheet(HTML) 3 Page - Vishay Siliconix

  SFH6755 Datasheet HTML 1Page - Vishay Siliconix SFH6755 Datasheet HTML 2Page - Vishay Siliconix SFH6755 Datasheet HTML 3Page - Vishay Siliconix SFH6755 Datasheet HTML 4Page - Vishay Siliconix SFH6755 Datasheet HTML 5Page - Vishay Siliconix SFH6755 Datasheet HTML 6Page - Vishay Siliconix SFH6755 Datasheet HTML 7Page - Vishay Siliconix SFH6755 Datasheet HTML 8Page - Vishay Siliconix SFH6755 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SFH6747, SFH6755, SFH6756, SFH6757
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 26-Aug-13
3
Document Number: 82583
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Note
• Over recommended temperature (TA = -40 °C to +100 °C), VCC = 5 V, IF = 7.5 mA unless otherwise specified.
All typicals at TA = 25 °C, VCC = 5 V.
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Input forward voltage
IF = 10 mA
VF
1.1
1.4
1.7
V
Reverse current
VR = 5 V
IR
-0.01
10
μA
Input capacitance
f = 1 MHz, VF = 0 V
CI
-55
-
pF
OUTPUT
High level supply current (single channel)
VE = 0.5 V, IF = 0 mA
ICCH
-4.1
7
mA
VE = VCC, IF = 0 mA
ICCH
-3.3
6
mA
High level supply current (dual channel)
IF = 10 mA
ICCH
-6.5
12
mA
Low level supply current (single channel)
VE = 0.5 V, IF = 10 mA
ICCL
-4
7
mA
VE = VCC, IF = 10 mA
ICCL
-3.3
6
mA
Low level supply current (dual channel)
IF = 10 mA
ICCL
-6.5
12
mA
High level output current
VE = 2 V, VO = 5.5 V,
IF = 250 μA
IOH
-
0.002
1
μA
Low level output voltage
VE = 2 V, IF = 5 mA,
IOL (sinking) = 13 mA
VOL
-0.2
0.6
V
Input threshold current
VE = 2 V, VO = 5.5 V,
IOL (sinking) = 13 mA
ITH
-2.4
5
mA
High level enable current
IEH
-
-0.6
-1.6
mA
Low level enable current
IEL
-
-0.8
-1.6
mA
High level enable voltage
VEH
2-
-
V
Low level enable voltage
VEL
--
0.8
V
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Propagation delay time to high
output level
RL = 350
Ω, CL = 15 pF
tPLH
20
48
100
ns
Propagation delay time to low
output level
RL = 350
Ω, CL = 15 pF
tPHL
25
50
100
ns
Pulse width distortion
RL = 350
Ω, CL = 15 pF
|tPHL - tPLH|-
2.9
35
ns
Propagation delay skew
RL = 350
Ω, CL = 15 pF
tPSK
-
8
40
ns
Output rise time (10 to 90 %)
RL = 350
Ω, CL = 15 pF
tr
-23
-
ns
Output fall time (90 to 10 %)
RL = 350
Ω, CL = 15 pF
tf
-7
-
ns
Propagation delay time of
enable from VEH to VEL
RL = 350
Ω, CL = 15 pF,
VEL = 0 V, VEH = 3 V
tELH
-12
-
ns
Propagation delay time of
enable from VEL to VEH
RL = 350
Ω, CL = 15 pF,
VEL = 0 V, VEH = 3 V
tEHL
-11
-
ns


Similar Part No. - SFH6755

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6755 VISHAY-SFH6755 Datasheet
163Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
SFH6755T VISHAY-SFH6755T Datasheet
159Kb / 10P
   High Speed Optocoupler, 10 MBd SOIC-8 Package
Rev. 1.0, 26-Jun-06
SFH6755T VISHAY-SFH6755T Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
SFH6755T VISHAY-SFH6755T Datasheet
163Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
More results

Similar Description - SFH6755

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
VO0600T VISHAY-VO0600T Datasheet
167Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.6, 14-Mar-08
SFH6755T VISHAY-SFH6755T Datasheet
159Kb / 10P
   High Speed Optocoupler, 10 MBd SOIC-8 Package
Rev. 1.0, 26-Jun-06
SFH6745T VISHAY-SFH6745T Datasheet
266Kb / 11P
   High Speed Optocoupler, 10 MBd SOIC-8 Package
Rev. 1.3, 24-Nov-04
SFH6757 VISHAY-SFH6757_V01 Datasheet
163Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
VO0600T VISHAY-VO0600T_1 Datasheet
150Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.7, 06-Oct-08
VO0661T VISHAY-VO0661T_V01 Datasheet
153Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
VO0600T VISHAY-VO0600T_12 Datasheet
156Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8
Rev. 2.0, 25-Oct-12
SFH6720T VISHAY-SFH6720T_07 Datasheet
161Kb / 11P
   High Speed Optocoupler, 5 MBd, in SOIC-8 Package
Rev. 1.5, 19-Apr-07
SFH6720T VISHAY-SFH6720T Datasheet
203Kb / 10P
   High Speed Optocoupler, 5 MBd, in SOIC-8 Package
Rev. 1.3, 27-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com