Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH6757T Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SFH6757T
Description  High Speed Optocoupler, 10 MBd, SOIC-8 Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6757T Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SFH6757T Datasheet HTML 3Page - Vishay Siliconix SFH6757T Datasheet HTML 4Page - Vishay Siliconix SFH6757T Datasheet HTML 5Page - Vishay Siliconix SFH6757T Datasheet HTML 6Page - Vishay Siliconix SFH6757T Datasheet HTML 7Page - Vishay Siliconix SFH6757T Datasheet HTML 8Page - Vishay Siliconix SFH6757T Datasheet HTML 9Page - Vishay Siliconix SFH6757T Datasheet HTML 10Page - Vishay Siliconix SFH6757T Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SFH6747, SFH6755, SFH6756, SFH6757
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 26-Aug-13
9
Document Number: 82583
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 22 - Rise and Fall Time vs. Forward Current
Fig. 23 - Enable Propagation Delay vs. Ambient Temperature
PACKAGE DIMENSIONS (in millimeters)
0
50
100
150
200
250
300
511
13
15
I
F - Forward Current (mA)
17627
t
r, RL = 4 kΩ
9
7
t
r, RL = 1 kΩ
t
r, RL = 350 Ω
t
f, RL = 350 Ω
t
f, RL = 1 kΩ
t
f, RL = 4 kΩ
0
10
20
30
40
50
60
T
amb
- Ambient Temperature (°C)
17628
t
ELH = 4 kΩ
t
ELH = 350 Ω
t
EHL = 350 Ω
t
EHL = 4 kΩ
t
ELH = 1 kΩ
t
EHL = 1 kΩ
-40
-20
0
20406080
100
5.31 max.
4.88 ± 0.13
0.41
1.27 typ.
ISO method
Pin one I.D.
85
6
7
1
4
3
2
6.10 ± 0.25
3.98 ± 0.13
Leads coplanarity
0.1 max.
0.51 ± 0.10
R 0.13
1.14
4.32
6.60


Similar Part No. - SFH6757T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6757T VISHAY-SFH6757T Datasheet
159Kb / 10P
   High Speed Optocoupler, 10 MBd SOIC-8 Package
Rev. 1.0, 26-Jun-06
SFH6757T VISHAY-SFH6757T Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
SFH6757T VISHAY-SFH6757T Datasheet
163Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
More results

Similar Description - SFH6757T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
VO0600T VISHAY-VO0600T Datasheet
167Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.6, 14-Mar-08
SFH6755T VISHAY-SFH6755T Datasheet
159Kb / 10P
   High Speed Optocoupler, 10 MBd SOIC-8 Package
Rev. 1.0, 26-Jun-06
SFH6745T VISHAY-SFH6745T Datasheet
266Kb / 11P
   High Speed Optocoupler, 10 MBd SOIC-8 Package
Rev. 1.3, 24-Nov-04
SFH6757 VISHAY-SFH6757_V01 Datasheet
163Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
VO0600T VISHAY-VO0600T_1 Datasheet
150Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.7, 06-Oct-08
VO0661T VISHAY-VO0661T_V01 Datasheet
153Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
VO0600T VISHAY-VO0600T_12 Datasheet
156Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8
Rev. 2.0, 25-Oct-12
SFH6720T VISHAY-SFH6720T_07 Datasheet
161Kb / 11P
   High Speed Optocoupler, 5 MBd, in SOIC-8 Package
Rev. 1.5, 19-Apr-07
SFH6720T VISHAY-SFH6720T Datasheet
203Kb / 10P
   High Speed Optocoupler, 5 MBd, in SOIC-8 Package
Rev. 1.3, 27-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com