Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH6757T Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SFH6757T
Description  High Speed Optocoupler, 10 MBd, SOIC-8 Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6757T Datasheet(HTML) 2 Page - Vishay Siliconix

  SFH6757T Datasheet HTML 1Page - Vishay Siliconix SFH6757T Datasheet HTML 2Page - Vishay Siliconix SFH6757T Datasheet HTML 3Page - Vishay Siliconix SFH6757T Datasheet HTML 4Page - Vishay Siliconix SFH6757T Datasheet HTML 5Page - Vishay Siliconix SFH6757T Datasheet HTML 6Page - Vishay Siliconix SFH6757T Datasheet HTML 7Page - Vishay Siliconix SFH6757T Datasheet HTML 8Page - Vishay Siliconix SFH6757T Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SFH6747, SFH6755, SFH6756, SFH6757
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 26-Aug-13
2
Document Number: 82583
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Only applicable for single channel devices
Notes
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
(1) Refer to reflow profile for soldering conditions for surface mounted devices.
TRUTH TABLE (positive logic)
LED
ENABLE (1)
OUTPUT
On
H
L
Off
H
H
On
L
H
Off
L
H
On
NC
L
Off
NC
H
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Average forward current (single channel)
IF
20
mA
Average forward current (dual channel)
IF
15
mA
Reverse input voltage
VR
5V
Enable input voltage (single channel)
VE
VCC + 0.5 V
V
Enable input current (single channel)
IE
5mA
Surge current
t = 100 μs
IFSM
200
mA
Input power dissipation (single channel)
Pdiss
35
mW
Input power dissipation
(per channel for dual channel)
Pdiss
25
mW
OUTPUT
Supply voltage
1 min maximum
VCC
7V
Output current
IO
50
mA
Output voltage
VO
7V
Output power dissipation (single channel)
Pdiss
85
mW
Output power dissipation
(per channel for dual channel)
Pdiss
60
mW
COUPLER
Isolation test voltage
t = 1 s
VISO
4000
VRMS
Storage temperature
Tstg
-55 to +150
°C
Operating temperature
Tamb
-40 to +100
°C
Lead solder temperature
for 10 s
260
°C
Solder reflow temperature (1)
for 1 min
260
°C
RECOMMENDED OPERATING CONDITION
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Operating temperature
Tamb
-40
-
100
°C
Supply voltage
VCC
4.5
-
5.5
V
Input current low level
IFL
0
-
250
μA
Input current high level
IFH
5-
15
mA
Output pull up resistor
RL
330
-
4000
Ω
Logic high enable voltage
VEH
2-
VCC
V
Logic low enable voltage
VEL
0.0
-
0.8
V
Fanout
RL = 1 k
Ω
N-
-
5
-


Similar Part No. - SFH6757T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6757T VISHAY-SFH6757T Datasheet
159Kb / 10P
   High Speed Optocoupler, 10 MBd SOIC-8 Package
Rev. 1.0, 26-Jun-06
SFH6757T VISHAY-SFH6757T Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
SFH6757T VISHAY-SFH6757T Datasheet
163Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
More results

Similar Description - SFH6757T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
VO0600T VISHAY-VO0600T Datasheet
167Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.6, 14-Mar-08
SFH6755T VISHAY-SFH6755T Datasheet
159Kb / 10P
   High Speed Optocoupler, 10 MBd SOIC-8 Package
Rev. 1.0, 26-Jun-06
SFH6745T VISHAY-SFH6745T Datasheet
266Kb / 11P
   High Speed Optocoupler, 10 MBd SOIC-8 Package
Rev. 1.3, 24-Nov-04
SFH6757 VISHAY-SFH6757_V01 Datasheet
163Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
VO0600T VISHAY-VO0600T_1 Datasheet
150Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.7, 06-Oct-08
VO0661T VISHAY-VO0661T_V01 Datasheet
153Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
VO0600T VISHAY-VO0600T_12 Datasheet
156Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8
Rev. 2.0, 25-Oct-12
SFH6720T VISHAY-SFH6720T_07 Datasheet
161Kb / 11P
   High Speed Optocoupler, 5 MBd, in SOIC-8 Package
Rev. 1.5, 19-Apr-07
SFH6720T VISHAY-SFH6720T Datasheet
203Kb / 10P
   High Speed Optocoupler, 5 MBd, in SOIC-8 Package
Rev. 1.3, 27-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com