Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2101-3-00-80-00-00-07-0 Datasheet(PDF) 1 Page - Mill-Max Mfg. Corp.

Part # 2101-3-00-80-00-00-07-0
Description  SOLDER TERMINAL TURRETS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MILL-MAX [Mill-Max Mfg. Corp.]
Direct Link  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.

2101-3-00-80-00-00-07-0 Datasheet(HTML) 1 Page - Mill-Max Mfg. Corp.

  2101-3-00-80-00-00-07-0 Datasheet HTML 1Page - Mill-Max Mfg. Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mill-Max Mfg. Corp. • 190 Pine Hollow Road, P.O. Box 300, Oyster Bay, NY 11771 • 516-922-6000 • Fax: 516-922-9253 • www.mill-max.com
MALE PCB PINS
SOLDER TERMINAL TURRETS
2110
2110-X-00-XX-00-00-07-0
Swage mount in .052 hole
2333
2333-X-00-XX-00-00-07-0
Press-fit & swage in .052 mounting hole
2821
2821-X-00-XX-00-00-07-0
Swage mount in .125 hole
2316
2316-X-00-XX-00-00-07-0
Swage mount in .064 hole
2708
2708-X-00-XX-00-00-07-0
Swage mount in .120 hole
2533
2533-0-00-XX-00-00-07-0
Press-fit & swage in .052 mounting hole
For a .062 thick board
SPECIFICATIONS:
Pin Material: Brass Alloy 360, 1/2 Hard
( Swage pins are annealed )
Dimensions: Inches
Tolerances On: Lengths:
± .005
Diameters: ± .002
Angles:
± 2 °
RoHS - 2
2011/65/EU
ORDER CODE: XXXX - X - 00 - XX - 00 - 00 - 07 - 0
BASIC PART #
Basic Part
Number
2110-1
2110-2
Board
Thickness
.049
.082
.031
.062
Length
V
2XXX-1
2XXX-2
2XXX-3
2XXX-4
Basic Part
Number
Board
Thickness
.062
.094
.125
.156
.031
.062
.094
.125
Length
V
2317
2317-X-00-XX-00-00-07-0
Swage mount in .064 hole
.060
.060
.080
.080
.080
.080
.130
.130
.135
.135
.035
.035
.063 DIA.
.063 DIA.
.038 DIA.
.038 DIA.
.053 DIA.
.053 DIA.
.056 DIA.
.056 DIA.
.053 DIA.
.053 DIA.
KNURL
KNURL
2101
2101-3-00-XX-00-00-07-0
Press-fit in .053 mounting hole
For a .062 to .094 thick board
2333-1
2333-2
2333-3
Basic Part
Number
Board
Thickness
.103
.087
.072
.078
.062
.047
Length
V
2821-2
2821-3
2821-4
Basic Part
Number
Board
Thickness
.109
.141
.172
.062
.094
.125
Length
V
SPECIFY PIN FINISH:
01 200
” TIN/LEAD OVER NICKEL
80 200
” TIN OVER NICKEL (RoHS)
44 300
” SILVER OVER COPPER (RoHS)
50 300
” ELECTRO-SOLDER
(60/40 SnPb)


Similar Part No. - 2101-3-00-80-00-00-07-0

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
2101-01 FRONTIER-2101-01 Datasheet
51Kb / 1P
   Insert Molded Coil
2101-02 FRONTIER-2101-02 Datasheet
51Kb / 1P
   Insert Molded Coil
2101-03 FRONTIER-2101-03 Datasheet
51Kb / 1P
   Insert Molded Coil
2101-04 FRONTIER-2101-04 Datasheet
51Kb / 1P
   Insert Molded Coil
2101-05 FRONTIER-2101-05 Datasheet
51Kb / 1P
   Insert Molded Coil
More results

Similar Description - 2101-3-00-80-00-00-07-0

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
2113-2-00-44-00-00-07-0 MILL-MAX-2113-2-00-44-00-00-07-0 Datasheet
381Kb / 1P
   SOLDER TERMINAL TURRETS
2348-2-00-01-00-00-07-0 MILL-MAX-2348-2-00-01-00-00-07-0 Datasheet
451Kb / 1P
   SOLDER TERMINAL TURRETS
2316-3-00-80-00 MILL-MAX-2316-3-00-80-00 Datasheet
467Kb / 1P
   SOLDER TERMINAL TURRETS
2501-2-00-80-00 MILL-MAX-2501-2-00-80-00 Datasheet
385Kb / 1P
   SOLDER TERMINAL TURRETS
2551-2-00-80-00 MILL-MAX-2551-2-00-80-00 Datasheet
403Kb / 1P
   SOLDER TERMINAL TURRETS
2108-2-00-44-00-00-07-0 MILL-MAX-2108-2-00-44-00-00-07-0 Datasheet
381Kb / 1P
   SOLDER TERMINAL TURRETS
2501-2-00-44-00-00-07-0 MILL-MAX-2501-2-00-44-00-00-07-0 Datasheet
385Kb / 1P
   SOLDER TERMINAL TURRETS
2551-2-00-80-00-00-07-0 MILL-MAX-2551-2-00-80-00-00-07-0 Datasheet
403Kb / 1P
   SOLDER TERMINAL TURRETS
2551-3-00-44-00-00-07-0 MILL-MAX-2551-3-00-44-00-00-07-0 Datasheet
403Kb / 1P
   SOLDER TERMINAL TURRETS
2704-2-00-80-00-00-07-0 MILL-MAX-2704-2-00-80-00-00-07-0 Datasheet
423Kb / 1P
   SOLDER TERMINAL TURRETS
2506-2-00-44-00 MILL-MAX-2506-2-00-44-00 Datasheet
451Kb / 1P
   SOLDER TERMINAL TURRETS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com