Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2318-1-00-01-00-00-07-0 Datasheet(PDF) 1 Page - Mill-Max Mfg. Corp.

Part # 2318-1-00-01-00-00-07-0
Description  SOLDER TERMINALS PIN TYPE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MILL-MAX [Mill-Max Mfg. Corp.]
Direct Link  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.

2318-1-00-01-00-00-07-0 Datasheet(HTML) 1 Page - Mill-Max Mfg. Corp.

  2318-1-00-01-00-00-07-0 Datasheet HTML 1Page - Mill-Max Mfg. Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mill-Max Mfg. Corp. • 190 Pine Hollow Road, P.O. Box 300, Oyster Bay, NY 11771 • 516-922-6000 • Fax: 516-922-9253 • www.mill-max.com
MALE PCB PINS
SOLDER TERMINALS PIN TYPE
SPECIFICATIONS:
Pin Material: Brass Alloy 360, 1/2 Hard
( Swage pins are annealed )
Dimensions: Inches
Tolerances On: Lengths:
± .005
Diameters: ± .002
Angles:
± 2 °
RoHS - 2
2011/65/EU
ORDER CODE: XXXX - X - 00 - XX - 00 - 00 - 07 - 0
BASIC PART #
2318
2318-X-00-XX-00-00-07-0
Swage mount in .062 hole
2309
2309-X-00-XX-00-00-07-0
Swage mount in .064 hole
2514
2514-2-00-XX-00-00-07-0
Press-fit in .070 mounting hole
2318-1
2318-2
2318-3
Basic Part
Number
Board
Thickness
.051
.082
.113
.031
.062
.094
Length
V
2309-1
2309-2
2309-3
2309-4
Basic Part
Number
Board
Thickness
.054
.084
.115
.147
.031
.062
.094
.125
Length
V
SPECIFY PIN FINISH:
01 200
” TIN/LEAD OVER NICKEL
80 200
” TIN OVER NICKEL (RoHS)
44 300
” SILVER OVER COPPER (RoHS)
50 300
” ELECTRO-SOLDER
(60/40 SnPb)


Similar Part No. - 2318-1-00-01-00-00-07-0

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
2318-1-00-01-00 MILL-MAX-2318-1-00-01-00 Datasheet
231Kb / 1P
   SOLDER TERMINALS PIN TYPE
More results

Similar Description - 2318-1-00-01-00-00-07-0

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
2318-1-00-01-00 MILL-MAX-2318-1-00-01-00 Datasheet
231Kb / 1P
   SOLDER TERMINALS PIN TYPE
logo
CAMBION Electronic Comp...
120-1372 CAMBION-120-1372 Datasheet
27Kb / 1P
   Solder terminal, Pin type
180-2751 CAMBION-180-2751 Datasheet
27Kb / 1P
   Solder terminal, pin type
120-1132 CAMBION-120-1132 Datasheet
27Kb / 1P
   Solder terminal, Pin type
120-1366 CAMBION-120-1366 Datasheet
27Kb / 1P
   Solder terminal, Pin type
120-1134 CAMBION-120-1134 Datasheet
27Kb / 1P
   Solder terminal, Pin type
120-1012 CAMBION-120-1012 Datasheet
29Kb / 1P
   Solder terminal, Pin type
120-1031 CAMBION-120-1031 Datasheet
28Kb / 1P
   Solder terminal, Pin type
120-1032 CAMBION-120-1032 Datasheet
28Kb / 1P
   Solder terminal, Pin type
120-1013 CAMBION-120-1013 Datasheet
29Kb / 1P
   Solder terminal, Pin type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com