Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTA968A Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # KTA968A
Description  TO-220-3L Plastic-Encapsulate Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

KTA968A Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  KTA968A Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd KTA968A Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TO-220-3L
1. BASE
2. COLLECTOR
3. EMITTER
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-220-3L Plastic-Encapsulate Transistors
KTA968A
TRANSISTOR (PNP)
FEATURES
High Transition Frequency
High Voltage Applications
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-100µA,IE=0
-180
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-10mA,IB=0
-180
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-1mA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-160V,IE=0
-1
μA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-1
μA
DC current gain
hFE
VCE=-5V, IC=-100mA
70
240
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA,IB=-50mA
-1.5
V
Base-emitter voltage
VBE
VCE=-5V, IC=-500mA
-1
V
Collector output capacitance
Cob
VCB=-10V,IE=0, f=1MHz
30
pF
Transition frequency
fT
VCE=-10V,IC=-100mA
100
MHz
CLASSIFICATION OF hFE
RANK
O
Y
RANGE
70-140
120-240
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-180
V
VCEO
Collector-Emitter Voltage
-180
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-1.5
A
PC
Collector Power Dissipation
2
W
RθJA
Thermal Resistance From Junction To Ambient
63
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
www.cj-elec.com
1
B,Nov,2014


Similar Part No. - KTA968A

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA968A KEC-KTA968A Datasheet
120Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
logo
Guangdong Kexin Industr...
KTA968A KEXIN-KTA968A Datasheet
372Kb / 1P
   PNP Transistors
KTA968A KEXIN-KTA968A_15 Datasheet
372Kb / 1P
   PNP Transistors
More results

Similar Description - KTA968A

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
TIP127 DGNJDZ-TIP127 Datasheet
1Mb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB507 JIANGSU-2SB507 Datasheet
361Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
2SB861 JIANGSU-2SB861 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SB1185 JIANGSU-2SB1185 Datasheet
549Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
2SA1012 JIANGSU-2SA1012 Datasheet
3Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
TIP42 JIANGSU-TIP42 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SD2137 JIANGSU-2SD2137 Datasheet
624Kb / 2P
   TO-220 -3L Plastic-Encapsulate Transistors
2SD2137A JIANGSU-2SD2137A Datasheet
570Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC2073 DGNJDZ-2SC2073 Datasheet
1,013Kb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SD1762 DGNJDZ-2SD1762 Datasheet
1Mb / 4P
   TO-220-3L Plastic-Encapsulate Transistors
2SB1185 DGNJDZ-2SB1185 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com