Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCR1206-10RJ1 Datasheet(PDF) 1 Page - Riedon Powertron

Part # PCR1206-10RJ1
Description  Pulse Withstanding Chip Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

PCR1206-10RJ1 Datasheet(HTML) 1 Page - Riedon Powertron

  PCR1206-10RJ1 Datasheet HTML 1Page - Riedon Powertron PCR1206-10RJ1 Datasheet HTML 2Page - Riedon Powertron PCR1206-10RJ1 Datasheet HTML 3Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
12/15
Type
PCR0603
PCR0805
PCR1206
PCR1210
PCR2010
PCR2512
Power Rating (W) at 70°C
0.125
0.25
0.33
0.50
0.75
1.5
Resistance Range (Ω)
(E24)
10 to 1M
1 to 20M
MAX Operating Voltage1
50V
150V
200V
200V
400V
500V
Tolerances
5% / 10% / 20%
TCR
10Ω - 270Ω:
200ppm
300Ω - 1M:
100ppm
1Ω - 270Ω:
200ppm
300Ω - 20M:
100ppm
1Ω - 20Ω:200ppm
22Ω - 20M:100ppm
PCR Series
• Resistances from 1 Ohm to 20MOhms
• Power Rating 0.125 to 1.5 Watt
• Resistance Tolerances to ± 5%
• Excellent pulse withstanding performance
• TCR’s to ±100 ppm/°C
• Sizes: 0603 / 0805 / 1206 / 1210 / 2010 / 2512
SPECIFICATIONS
Pulse Withstanding Chip Resistor
Ordering Information
Part Description: Part Type - Resistance - Tolerance - TCR - Packaging
Example: PCR0603 10 Ohm 5% 200ppm
(Note: if no TCR is specified: The highest value will be supplied)
Pow er Derating Curve
0
20
40
60
80
100
0
20
40
60
70
80
100 120 140 155
Am bient Tem perature (°C)
( P * R )
1 Operating Voltage =
or MAX Listed, whichever is lower.
Type
Quantity / Tape Diameter
PCR0603
Paper
5K / 7”
10K / 10”
20K / 13”
PCR0805
PCR1206
PCR1210
PCR2010
Embossed
4K / 7”
8K / 10”
PCR2512


Similar Part No. - PCR1206-10RJ1

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PCR1206-100KJ1 RIEDON-PCR1206-100KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR1206-100RJ1 RIEDON-PCR1206-100RJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR1206-10KJ1 RIEDON-PCR1206-10KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR1206-10MJ1 RIEDON-PCR1206-10MJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
More results

Similar Description - PCR1206-10RJ1

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
PWR TOKEN-PWR Datasheet
1Mb / 14P
   Pulse Withstanding Chip Resistor
logo
Riedon Powertron
PCR1206-100KJ1 RIEDON-PCR1206-100KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR1206-470KJ1 RIEDON-PCR1206-470KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR RIEDON-PCR Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0805-470RJ1 RIEDON-PCR0805-470RJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0603 RIEDON-PCR0603 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0805-1RJ1 RIEDON-PCR0805-1RJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR1206-10KJ1 RIEDON-PCR1206-10KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0805-47KJ1 RIEDON-PCR0805-47KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0805-4R7J1 RIEDON-PCR0805-4R7J1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0805-100KJ1 RIEDON-PCR0805-100KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com