Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT27C010 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT27C010
Description  CMOS 128K X 8-Bit OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT27C010 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT27C010 Datasheet HTML 7Page - Holtek Semiconductor Inc HT27C010 Datasheet HTML 8Page - Holtek Semiconductor Inc HT27C010 Datasheet HTML 9Page - Holtek Semiconductor Inc HT27C010 Datasheet HTML 10Page - Holtek Semiconductor Inc HT27C010 Datasheet HTML 11Page - Holtek Semiconductor Inc HT27C010 Datasheet HTML 12Page - Holtek Semiconductor Inc HT27C010 Datasheet HTML 13Page - Holtek Semiconductor Inc HT27C010 Datasheet HTML 14Page - Holtek Semiconductor Inc HT27C010 Datasheet HTML 15Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
32-pin PLCC outline dimensions
Symbol
Dimensions in mil
Min.
Nom.
Max.
A
485
¾
495
B
445
¾
455
C
585
¾
595
D
545
¾
555
E
105
¾
115
F
¾¾
140
G15
¾¾
H
¾
50
¾
I16
¾
22
J24
¾
32
K8
¾
12
a
0
°¾
10
°
HT27C010
Rev. 1.10
11
November 21, 2002
4
1
2 9
5
2 8
1 2
1 3
2 0
2 1
A
B
C
D
E .
G
H
I
J
K
3 2


Similar Part No. - HT27C010

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
285Kb / 11P
   OTP CMOS 128Kx 8-Bit EPROM
More results

Similar Description - HT27C010

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT27LC010 HOLTEK-HT27LC010 Datasheet
172Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
   1 Megabit (128K x 8-Bit) - OTP EPROM
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
logo
Macronix International
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
ATMEL Corporation
AT27LV010A ATMEL-AT27LV010A Datasheet
207Kb / 9P
   1 Megabit 128K x 8 Low Voltage OTP CMOS EPROM
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
   256K X 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com