Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0015912085 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0015912085
Description  2.54mm Pitch SL Wire-to-Board Header, Low Profile, Surface Mount, Single Row
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0015912085 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0015912085_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0015912085_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 09/07/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0015912085
Status:
Active
Overview:
SL™ Modular Connectors
Description:
2.54mm Pitch SL™ Wire-to-Board Header, Low Profile, Surface Mount, Single Row,
Right Angle, 3.05mm Pocket, Shrouded, with Press-fit Plastic Peg, 8 Circuits, 0.38µm
Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
Documents:
3D Model
Product Specification TS-70541-001-001 (PDF)
Drawing (PDF)
Product Specification TS-70541-100-001 (PDF)
Product Specification PS-70400-001 (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-70541-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
70634
Application
Signal, Wire-to-Board
Overview
SL™ Modular Connectors
Product Name
SL™
UPC
800753771710
Physical
Breakaway
No
Circuits (Loaded)
8
Circuits (maximum)
8
Color - Resin
Black
Durability (mating cycles max)
50
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
1.931/g
Number of Rows
1
Orientation
Right Angle
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness - Recommended
1.60mm
Packaging Type
Tube
Pitch - Mating Interface
2.54mm
Plating min - Mating
0.381µm
Plating min - Termination
1.905µm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
3.0A
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
70634 Series
Mates With
SL™ Crimp Housing 70066 Option N, 70066
Option G, 70066 Option A, 70430 Option G,
70400 Option G


Similar Part No. - 0015912085_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015912085 MOLEX2-0015912085 Datasheet
497Kb / 4P
   2.54mm (.100) Pitch SL??Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 8 Circuits
More results

Similar Description - 0015912085_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015913083 MOLEX1-0015913083_17 Datasheet
41Kb / 2P
   2.54mm Pitch SL Wire-to-Board Header, Low Profile, Surface Mount, Single Row,
0015913093 MOLEX1-0015913093_17 Datasheet
41Kb / 2P
   2.54mm Pitch SL Wire-to-Board Header, Low Profile, Surface Mount, Single Row,
0015913133 MOLEX1-0015913133_17 Datasheet
41Kb / 2P
   2.54mm Pitch SL Wire-to-Board Header, Low Profile, Surface Mount, Single Row,
0015913184 MOLEX1-0015913184_17 Datasheet
41Kb / 2P
   2.54mm Pitch SL Wire-to-Board Header, Low Profile, Surface Mount, Single Row
0015913204 MOLEX1-0015913204_17 Datasheet
41Kb / 2P
   2.54mm Pitch SL Wire-to-Board Header, Low Profile, Surface Mount, Single Row,
0015916059 MOLEX1-0015916059_17 Datasheet
41Kb / 2P
   2.54mm Pitch SL Wire-to-Board Header, Low Profile, Surface Mount, Single Row
0015916109 MOLEX1-0015916109_17 Datasheet
41Kb / 2P
   2.54mm Pitch SL Wire-to-Board Header, Low Profile, Surface Mount, Single Row
0015916119 MOLEX1-0015916119_17 Datasheet
41Kb / 2P
   2.54mm Pitch SL Wire-to-Board Header, Low Profile, Surface Mount, Single Row
0015917090 MOLEX1-0015917090 Datasheet
41Kb / 2P
   2.54mm Pitch SL Wire-to-Board Header, Low Profile, Surface Mount, Single Row
0015916219 MOLEX1-0015916219_17 Datasheet
41Kb / 2P
   2.54mm Pitch SL Wire-to-Board Header, Low Profile, Surface Mount, Single Row
0015917150 MOLEX1-0015917150 Datasheet
41Kb / 2P
   2.54mm Pitch SL Wire-to-Board Header, Low Profile, Surface Mount, Single Row
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com