Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRG18BB471MB1RB Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # PRG18BB471MB1RB
Description  PRG Thermistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRG18BB471MB1RB Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  PRG18BB471MB1RB Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PRG18BB471MB1RB Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PRG18BB471MB1RB Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
Note: This datasheet may be out of date.
Please download the latest datasheet of PRG18BB471MB1RB from the official website of Murata Manufacturing
Co., Ltd.
http://www.murata.com/en-us/products/productdetail?partno=PRG18BB471MB1RB
PRG18BB471MB1RB
Specifications
Max. Voltage
24V
Hold Current
5mA
Measure Condition of Hold Current
(at
+75
)
Hold Current (2)
10mA
Measure Condition of Hold Current (2) (at
+25
)
Trip Current
21mA
Measure Condition of Trip Current
(at
+25
)
Trip Current(2)
26mA
Measure Condition of Trip Current(2)
(at -
20
)
Max. Current
60mA
Resistance
(25
)
470Ω
Resistance Value Tolerance (at
25
)
±20%
Operating Temperature Range
-
20
to
75
Size Code (in mm)
1.6x0.8mm
Size Code (in inch)
0.6x0.3inch
Shape
SMD
Mass
0.004g
2 of 3
Atten ti o n
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2017/09/18


Similar Part No. - PRG18BB471MB1RB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PRG18BB471MB1RB MURATA-PRG18BB471MB1RB Datasheet
265Kb / 10P
   for Surface Mounting Application
logo
Murata Manufacturing Co...
PRG18BB471MB1RB MURATA1-PRG18BB471MB1RB Datasheet
584Kb / 3P
   PTC for Overcurrent Protection
12/08/2022
PRG18BB471MB1RB MURATA1-PRG18BB471MB1RB Datasheet
627Kb / 3P
   PTC Thermistors
02/05/2024
PRG18BB471MB1RB MURATA1-PRG18BB471MB1RB Datasheet
643Kb / 3P
   PTC Thermistors
02/05/2024
PRG18BB471MB1RB MURATA1-PRG18BB471MB1RB_V01 Datasheet
584Kb / 3P
   PTC for Overcurrent Protection
12/08/2022
More results

Similar Description - PRG18BB471MB1RB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PRG21AR150MS5RA MURATA-PRG21AR150MS5RA Datasheet
226Kb / 3P
   PRG Thermistors
PRG18BB470MS1RB MURATA-PRG18BB470MS1RB Datasheet
227Kb / 3P
   PRG Thermistors
PRG21AR220MS1RK MURATA-PRG21AR220MS1RK Datasheet
226Kb / 3P
   PRG Thermistors
PRG21AR420MS1RA MURATA-PRG21AR420MS1RA Datasheet
225Kb / 3P
   PRG Thermistors
PRG21AR8R2MS5RA MURATA-PRG21AR8R2MS5RA Datasheet
224Kb / 3P
   PRG Thermistors
PRG21BB220MB1RK MURATA-PRG21BB220MB1RK Datasheet
228Kb / 3P
   PRG Thermistors
PRG21BC6R8MS5RA MURATA-PRG21BC6R8MS5RA Datasheet
230Kb / 3P
   PRG Thermistors
PRG18BB471MS1RB MURATA-PRG18BB471MS1RB Datasheet
222Kb / 3P
   PRG Thermistors
PRG21AR220MS5RA MURATA-PRG21AR220MS5RA Datasheet
224Kb / 3P
   PRG Thermistors
PRG21AR4R7MS5RA MURATA-PRG21AR4R7MS5RA Datasheet
231Kb / 3P
   PRG Thermistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com