Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRG21BB220MB1RK Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # PRG21BB220MB1RK
Description  PRG Thermistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRG21BB220MB1RK Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  PRG21BB220MB1RK Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PRG21BB220MB1RK Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PRG21BB220MB1RK Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
Note: This datasheet may be out of date.
Please download the latest datasheet of PRG21BB220MB1RK from the official website of Murata Manufacturing
Co., Ltd.
http://www.murata.com/en-us/products/productdetail?partno=PRG21BB220MB1RK
PRG21BB220MB1RK
Appearance & Shape
Applications
Limited Usage
Consumer Grade
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
RK
180mm Embossed Tape
3000
Features
1.Rapid operation to protect the circuit in an overcurrent condition
abnormality such as a short circuit.
By removing the overcurrent condition, these products
automatically return to the initial condition and can be used
repeatedly.
2.Suitable for countermeasure to short circuit test in safety standard
3.Stable resistance after operation due to ceramic PTC
4.Similar size (0603 size) is possible due to the large capacity for
electric power.
5.Possible to use these products as current limiting resistors with
overcurrent protection functions
6.SMD type is helpful for miniaturizing circuits because of its small
size and light weight
7.Lead is not contained in the terminations
1 of 3
Atten ti o n
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2017/09/18


Similar Part No. - PRG21BB220MB1RK

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PRG21BB220MB1RK MURATA-PRG21BB220MB1RK Datasheet
265Kb / 10P
   for Surface Mounting Application
logo
Murata Manufacturing Co...
PRG21BB220MB1RK MURATA1-PRG21BB220MB1RK Datasheet
613Kb / 3P
   PTC for Overcurrent Protection
12/08/2022
PRG21BB220MB1RK MURATA1-PRG21BB220MB1RK Datasheet
656Kb / 3P
   PTC Thermistors
02/05/2024
PRG21BB220MB1RK MURATA1-PRG21BB220MB1RK_V01 Datasheet
613Kb / 3P
   PTC for Overcurrent Protection
12/08/2022
PRG21BB220MB1RK MURATA1-PRG21BB220MB1RK_V02 Datasheet
656Kb / 3P
   PTC Thermistors
02/05/2024
More results

Similar Description - PRG21BB220MB1RK

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PRG21AR150MS5RA MURATA-PRG21AR150MS5RA Datasheet
226Kb / 3P
   PRG Thermistors
PRG18BB470MS1RB MURATA-PRG18BB470MS1RB Datasheet
227Kb / 3P
   PRG Thermistors
PRG21AR220MS1RK MURATA-PRG21AR220MS1RK Datasheet
226Kb / 3P
   PRG Thermistors
PRG21AR420MS1RA MURATA-PRG21AR420MS1RA Datasheet
225Kb / 3P
   PRG Thermistors
PRG21AR8R2MS5RA MURATA-PRG21AR8R2MS5RA Datasheet
224Kb / 3P
   PRG Thermistors
PRG21BC6R8MS5RA MURATA-PRG21BC6R8MS5RA Datasheet
230Kb / 3P
   PRG Thermistors
PRG18BB471MB1RB MURATA-PRG18BB471MB1RB Datasheet
224Kb / 3P
   PRG Thermistors
PRG18BB471MS1RB MURATA-PRG18BB471MS1RB Datasheet
222Kb / 3P
   PRG Thermistors
PRG21AR220MS5RA MURATA-PRG21AR220MS5RA Datasheet
224Kb / 3P
   PRG Thermistors
PRG21AR4R7MS5RA MURATA-PRG21AR4R7MS5RA Datasheet
231Kb / 3P
   PRG Thermistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com