Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G86GT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC2G86GT
Description  Dual 2-input exclusive-OR gate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G86GT Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC2G86GT Datasheet HTML 1Page - NXP Semiconductors 74LVC2G86GT Datasheet HTML 2Page - NXP Semiconductors 74LVC2G86GT Datasheet HTML 3Page - NXP Semiconductors 74LVC2G86GT Datasheet HTML 4Page - NXP Semiconductors 74LVC2G86GT Datasheet HTML 5Page - NXP Semiconductors 74LVC2G86GT Datasheet HTML 6Page - NXP Semiconductors 74LVC2G86GT Datasheet HTML 7Page - NXP Semiconductors 74LVC2G86GT Datasheet HTML 8Page - NXP Semiconductors 74LVC2G86GT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
9397 750 14506
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 7 February 2005
3 of 15
Philips Semiconductors
74LVC2G86
Dual 2-input exclusive-OR gate
6.
Functional diagram
7.
Pinning information
7.1 Pinning
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one driver)
mna737
1A
1B
1Y
2
1
7
2A
2B
2Y
6
5
3
mna738
7
= 1
= 1
2
1
3
6
5
mna040
Y
B
A
Fig 4.
Pin configuration TSSOP8 and
VSSOP8
Fig 5.
Pin configuration XSON8
86
1A
VCC
1B
1Y
2Y
2B
GND
2A
001aab836
1
2
3
4
6
5
8
7
86
2B
1Y
VCC
2A
2Y
1B
1A
GND
001aab837
36
27
18
45
Transparent top view


Similar Part No. - 74LVC2G86GT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G86GT NXP-74LVC2G86GT Datasheet
87Kb / 15P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 05-7 September 2007
logo
Nexperia B.V. All right...
74LVC2G86GT NEXPERIA-74LVC2G86GT Datasheet
285Kb / 18P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 15 - 21 June 2022
More results

Similar Description - 74LVC2G86GT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G86 NXP-74LVC2G86 Datasheet
87Kb / 15P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 05-7 September 2007
logo
Texas Instruments
SN74AUC2G86 TI-SN74AUC2G86 Datasheet
231Kb / 10P
[Old version datasheet]   DUAL 2-INPUT EXCLUSIVE-OR GATE
logo
Nexperia B.V. All right...
74LVC2G86 NEXPERIA-74LVC2G86 Datasheet
285Kb / 18P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 15 - 21 June 2022
logo
NXP Semiconductors
74HC2G86 PHILIPS-74HC2G86 Datasheet
85Kb / 17P
   Dual 2-input exclusive-OR gate
2003 Jul 28
logo
Texas Instruments
SN74LVC2G86 TI1-SN74LVC2G86 Datasheet
918Kb / 17P
[Old version datasheet]   Dual 2-Input Exclusive-OR Gate
logo
ON Semiconductor
NLX2G86 ONSEMI-NLX2G86 Datasheet
133Kb / 5P
   Dual 2-Input Exclusive-OR Gate
April, 2009 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC2G86-Q100 NEXPERIA-74LVC2G86-Q100 Datasheet
785Kb / 14P
   Dual 2-input EXCLUSIVE-OR gate
logo
ON Semiconductor
NL27WZ86 ONSEMI-NL27WZ86_V01 Datasheet
353Kb / 9P
   Dual 2-Input Exclusive-OR Gate
October, 2020 - Rev. 9
logo
Diodes Incorporated
74LVC2G86 DIODES-74LVC2G86 Datasheet
510Kb / 11P
   DUAL 2-INPUT EXCLUSIVE-OR GATE
logo
STMicroelectronics
74V2G86 STMICROELECTRONICS-74V2G86 Datasheet
132Kb / 7P
   DUAL 2-INPUT EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com