Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMPD10100L Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMPD10100L
Description  100V, 10A Low VF Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMPD10100L Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMPD10100L Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMPD10100L Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SMPD10100L
100V, 10A
Low VF Schottky Barrier Rectifiers
09-Dec-2016 Rev. B
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVES


Similar Part No. - SMPD10100L

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMPD10100L SECOS-SMPD10100L Datasheet
140Kb / 2P
   Low VF Trench Barrier Schottky Rectifier
SMPD10100L SECOS-SMPD10100L_18 Datasheet
140Kb / 2P
   Low VF Trench Barrier Schottky Rectifier
More results

Similar Description - SMPD10100L

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMPD15100L SECOS-SMPD15100L Datasheet
215Kb / 2P
   100V, 15A Low VF Schottky Barrier Rectifiers
SMPD5100L SECOS-SMPD5100L Datasheet
294Kb / 2P
   100V, 5A Low VF Schottky Barrier Rectifiers
SK5100BM SECOS-SK5100BM Datasheet
186Kb / 2P
   100V, 5A Low VF Schottky Barrier Rectifiers
SMPD10120L SECOS-SMPD10120L Datasheet
225Kb / 2P
   120V, 10A Low VF Schottky Barrier Rectifiers
SMPD1045L SECOS-SMPD1045L Datasheet
183Kb / 2P
   45V, 10A Low VF Schottky Barrier Rectifiers
SMPD10150L SECOS-SMPD10150L Datasheet
225Kb / 2P
   150V, 10A Low VF Schottky Barrier Rectifiers
SMPD10200L SECOS-SMPD10200L Datasheet
180Kb / 2P
   200V, 10A Low VF Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SD10U100SL LUGUANG-SD10U100SL Datasheet
7Mb / 4P
   10A/100V Low VF Schottky Rectifier
SD20U150SL LUGUANG-SD20U150SL Datasheet
1Mb / 4P
   10A/100V Low VF Schottky Rectifier
Revision:20181101-P2
SD10S100SL LUGUANG-SD10S100SL Datasheet
4Mb / 4P
   10A/100V Low VF Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com