Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1821BCV Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1821BCV
Description  ONE-CELL LITHIUM-ION BATTERY PROTECTION IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1821BCV Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1821BCV Datasheet HTML 1Page - Analog Intergrations Corporation AIC1821BCV Datasheet HTML 2Page - Analog Intergrations Corporation AIC1821BCV Datasheet HTML 3Page - Analog Intergrations Corporation AIC1821BCV Datasheet HTML 4Page - Analog Intergrations Corporation AIC1821BCV Datasheet HTML 5Page - Analog Intergrations Corporation AIC1821BCV Datasheet HTML 6Page - Analog Intergrations Corporation AIC1821BCV Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AIC1821
ONE-CELL LITHIUM-ION BATTERY PROTECTION IC
SPEC NO: DS-1821-P1 06/07/00
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based IndustrialPark,Hsinchu,Taiwan, R.O.C.
TEL: (8863)577-2500
FAX:(8863)577-2510
5
n APPLICATION INFORMATIONS
l THE OPERATION
Overcharge Protection
When the voltage of the battery cell exceeds the
overcharge protection voltage (VOCP) beyond the
overcharge delay time (TOC) period, charging is
inhibited by the turning-off of the charge control
MOSFET M2. The overcharge delay time is fixed to
100mS by IC internal circuit. The overcharge
condition is released in two cases:
1. The voltage of the battery cell becomes lower
than the overcharge release voltage (VOCR or
VOCP- VHYS) through self-discharge.
2. The voltage of the battery cell falls below the
overcharge protection voltage (VOCP) and a load
is connected.
When the battery voltage is above VOCP, the
overcharge condition is never released even a load
is connected to the pack.
Overdischarge Protection
When the voltage of the battery cell goes below the
overdischarge protection voltage (VODP) beyond the
overdischarge delay time (TOD) period, discharging
is inhibited by the turning-off of the discharge
control MOSFET M1. The overdischarge delay time
defaults to 100mS. Inhibition of discharging is
immediately released when the voltage of the
battery cell becomes higher than overdischarge
release voltage (VODR) through charging.
Overcurrent Protection
In normal mode, the AIC1821 continuously monitors
the discharge current by sensing the voltage of CS
pin. If the voltage of CS pin exceeds the overcurrent
protection voltage (VOIP) beyond the overcurrent
delay time (TOI) period, the overcurrent protection
circuit operates and discharging is inhibited by the
turning-off of the discharge control MOSFET M1.
The overcurrent condition returns to the normal
mode when the load is released and the impedance
between the BATT+ and BATT- terminals is 20M
or higher.
The AIC1821 is provided with the two overcurrent
detection
levels
(0.2V
and
1V)
and
the
two
overcurrent delay time (TOI1 and TOI2) corresponding
to each overcurrent detection level.
Load Detection after Overcharge
The load detection function after overcharge is
implemented by detecting the CS pin voltage. Once
a load is connected to the battery pack after
overcharge, discharge current flows through the
parasitic diode of MOSFET M2 and there is a diode
voltage drop between CS and GND. Load is
determined to be connected to the pack if the CS
pin voltage is above load detection threshold
voltage (VLD).
Power-Down after Overdischarge
When overdischarge occurs, the AIC1821 will go
into power-down mode, turning off all the timing
generation and detection circuitry to reduce the
quiescent current to 0.4
µA (V
CC=2.3V). At the same
time, the CS pin is pull-high to VCC through a high
resistance resistor.
Charge Detection after Overdischarge
When overdischarge occurs, the discharge control
MOSFET M1 turns off and discharging is inhibited.
However, charging is still permitted through the
parasitic
diode
of
M1.
Once
the
charger
is
connected
to
the
battery
pack,
the
AIC1821
immediately turns on all the timing generation and
detection circuitry. Charging is determined to be in
progress if the voltage between CS and GND is
below charge detection threshold voltage (VCH).
l DESIGN GUIDE
Selection of External Control MOSFETs
Because
the
overcurrent
protection
voltage
is
preset,
the
threshold
current
for
overcurrent
detection is determined by the turn-on resistance of
the discharge control MOSFET M1. The turn-on
resistance of the external control MOSFETs can be
determined by the equation: RON=VOIP/ (2 x IT) (IT is
the overcurrent threshold current). For example, if
the overcurrent threshold current IT is designed to
be 3A, the turn-on resistance of the external control
MOSFETs must be 33m
Ω. Users should be aware
that turn-on resistance of the MOSFET changes
with temperature variation due to heat dissipation. It
changes with the voltage between gate and source
as
well.
(Turn-on
resistance
of
a
MOSFET
increases as the voltage between gate and source
decreases). Once the turn-on resistance of the
external
MOSFET
changes,
the
overcurrent
threshold current will change accordingly.
Suppressing the Ripple and Disturbance
from Charger
To suppress
the
ripple
and
disturbance
from
charger,
connecting
R1,
C1
to
VCC
pin
is
recommended.
Protection at CS pin
R2 is used for latch-up protection when charger is


Similar Part No. - AIC1821BCV

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1802 AIC-AIC1802 Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1802ACS AIC-AIC1802ACS Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1802BCS AIC-AIC1802BCS Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1802CCS AIC-AIC1802CCS Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1803 AIC-AIC1803 Datasheet
161Kb / 12P
   Three-Cell Lithium-Ion Battery Protection IC
More results

Similar Description - AIC1821BCV

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1811 AIC-AIC1811 Datasheet
118Kb / 8P
   One-Cell Lithium-Ion Battery Protection IC
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
   One-cell lithium-ion/lithium-polymer battery protection IC
logo
SHOUDING Shouding Semic...
SD5350A SHOUDING-SD5350A Datasheet
3Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
logo
Shenzhen Huazhimei Semi...
HM5464C HMSEMI-HM5464C Datasheet
2Mb / 13P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM5464A HMSEMI-HM5464A Datasheet
2Mb / 13P
   One Cell Lithium-ion/Polymer Battery Protection IC
logo
Unisonic Technologies
UB2421 UTC-UB2421 Datasheet
232Kb / 11P
   ONE CELL LITHIUM-ION / POLYMER BATTERY PROTECTION IC
logo
Shenzhen Huazhimei Semi...
HM9901 HMSEMI-HM9901 Datasheet
1Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM5456R HMSEMI-HM5456R Datasheet
3Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM5563A HMSEMI-HM5563A Datasheet
2Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM9901G HMSEMI-HM9901G Datasheet
3Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com