Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1641-30CW Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AIC1641-30CW
Description  LOW VOLTAGE STEP-UP DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AIC1641-30CW Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AIC1641-30CW Datasheet HTML 3Page - List of Unclassifed Manufacturers AIC1641-30CW Datasheet HTML 4Page - List of Unclassifed Manufacturers AIC1641-30CW Datasheet HTML 5Page - List of Unclassifed Manufacturers AIC1641-30CW Datasheet HTML 6Page - List of Unclassifed Manufacturers AIC1641-30CW Datasheet HTML 7Page - List of Unclassifed Manufacturers AIC1641-30CW Datasheet HTML 8Page - List of Unclassifed Manufacturers AIC1641-30CW Datasheet HTML 9Page - List of Unclassifed Manufacturers AIC1641-30CW Datasheet HTML 10Page - List of Unclassifed Manufacturers AIC1641-30CW Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AIC1641
LOW VOLTAGE STEP-UP DC/DC CONVERTER
SPEC NO: DS-1641-00 05/04/00
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based Industrial Park , Hsinchu, Taiwan, R.O.C.
TEL: (8863)577-2500 FAX:(8863)577-2510
7
" TYPICAL PERFORMANCE CHARACTERISTICS (CONTINUED)
-40
-20
0
2040
6080
100
40
50
60
70
80
90
100
110
120
130
AIC1641 EXT "L" On-Resistance
Temperature (
o
C)
-40
-20
0
20
40
60
80
100
40
80
120
160
200
240
280
320
360
400
AIC1641 EXT "H" On-Resistance
Temperature (
o
C)
 BLOCK DIAGRAM
+
GND
VOUT
EXT
1.25V REF.
1M
Enable
-
OSC, 100KHz
Chip Enable
CE
 PIN DESCRIPTIONS
NC -
Not Connected.
VOUT - IC supply pin. Connect VOUT to the regula-
tor output.
CE -
Chip enable pin (Active High).
EXT -
Push pull driver output for external power
switch.
GND – Ground Terminal. Must be low impedance;
sorder directly to ground plane.


Similar Part No. - AIC1641-30CW

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1640 AIC-AIC1640 Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1640-30CN AIC-AIC1640-30CN Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1640-30CS AIC-AIC1640-30CS Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1640-33CN AIC-AIC1640-33CN Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1640-33CS AIC-AIC1640-33CS Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
More results

Similar Description - AIC1641-30CW

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
   Low Voltage Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1640 AIC-AIC1640 Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Semtech Corporation
SC1631 SEMTECH-SC1631 Datasheet
168Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
Renesas Technology Corp
M62216FP RENESAS-M62216FP Datasheet
164Kb / 12P
   Low Voltage Operation STEP-UP DC/DC Converter
logo
National Semiconductor ...
LM2621 NSC-LM2621_05 Datasheet
655Kb / 11P
   Low Input Voltage, Step-Up DC-DC Converter
logo
Mitsubishi Electric Sem...
M62216FP MITSUBISHI-M62216FP Datasheet
72Kb / 8P
   Low Voltage Operation STEP-UP DC-DC Converter
logo
National Semiconductor ...
LM2621 NSC-LM2621 Datasheet
254Kb / 10P
   Low Input Voltage, Step-Up DC-DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN41 SIGE-AATIAN41 Datasheet
111Kb / 4P
   Low Voltage 2MHz Step-Up DC/DC Converter
logo
Texas Instruments
LM2621 TI1-LM2621_14 Datasheet
1Mb / 16P
[Old version datasheet]   Low Input Voltage, Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com