Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1142D28H-E6T2U Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-1142D28H-E6T2U
Description  HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT OPERATION CMOS VOLTAGE REGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1142D28H-E6T2U Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-1142D28H-E6T2U Datasheet HTML 1Page - Seiko Instruments Inc S-1142D28H-E6T2U Datasheet HTML 2Page - Seiko Instruments Inc S-1142D28H-E6T2U Datasheet HTML 3Page - Seiko Instruments Inc S-1142D28H-E6T2U Datasheet HTML 4Page - Seiko Instruments Inc S-1142D28H-E6T2U Datasheet HTML 5Page - Seiko Instruments Inc S-1142D28H-E6T2U Datasheet HTML 6Page - Seiko Instruments Inc S-1142D28H-E6T2U Datasheet HTML 7Page - Seiko Instruments Inc S-1142D28H-E6T2U Datasheet HTML 8Page - Seiko Instruments Inc S-1142D28H-E6T2U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT 105
°COPERATION CMOS VOLTAGE REGULATOR
S-1142C/DxxH Series
Rev.1.2_01
4
3. Product name list
Table 2
Output Voltage
HSOP-6
2.0 V
± 1.0%
S-1142D20H-E6T2U
2.5 V
± 1.0%
S-1142D25H-E6T2U
2.7 V
± 1.0%
S-1142D27H-E6T2U
2.8 V
± 1.0%
S-1142D28H-E6T2U
2.85 V
± 1.0%
S-1142D2JH-E6T2U
3.0 V
± 1.0%
S-1142D30H-E6T2U
3.2 V
± 1.0%
S-1142D32H-E6T2U
3.3 V
± 1.0%
S-1142D33H-E6T2U
3.5 V
± 1.0%
S-1142D35H-E6T2U
3.7 V
± 1.0%
S-1142D37H-E6T2U
4.0 V
± 1.0%
S-1142D40H-E6T2U
5.0 V
± 1.0%
S-1142D50H-E6T2U
8.0 V
± 1.0%
S-1142D80H-E6T2U
11.5 V
± 1.0%
S-1142DB5H-E6T2U
12.5 V
± 1.0%
S-1142DC5H-E6T2U
15.0 V
± 1.0%
S-1142DF0H-E6T2U
Remark Please contact our sales office for products with an output voltage
other than those listed above or type C products.


Similar Part No. - S-1142D28H-E6T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1142D28I-E6T1U SII-S-1142D28I-E6T1U Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142D28I-E6T1U ABLIC-S-1142D28I-E6T1U Datasheet
451Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.3_00
More results

Similar Description - S-1142D28H-E6T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1142A-H SII-S1142A-H Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT OPERATION CMOS VOLTAGE REGULATOR
S19200AXXH SII-S19200AXXH Datasheet
3Mb / 37P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142A ABLIC-S-1142A Datasheet
478Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.2_02
logo
Seiko Instruments Inc
S19200AXXA SII-S19200AXXA Datasheet
2Mb / 32P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S1142C-A SII-S1142C-A Datasheet
1Mb / 31P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1142A SII-S-1142A Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S1212B SII-S1212B Datasheet
3Mb / 58P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1142C SII-S-1142C Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142C ABLIC-S-1142C Datasheet
451Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.3_00
logo
Seiko Instruments Inc
S19212BXXA SII-S19212BXXA Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com