Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8203A Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S8203A
Description  BATTERY PROTECTION IC FOR 3-SERIES CELL PACK
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8203A Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S8203A Datasheet HTML 4Page - Seiko Instruments Inc S8203A Datasheet HTML 5Page - Seiko Instruments Inc S8203A Datasheet HTML 6Page - Seiko Instruments Inc S8203A Datasheet HTML 7Page - Seiko Instruments Inc S8203A Datasheet HTML 8Page - Seiko Instruments Inc S8203A Datasheet HTML 9Page - Seiko Instruments Inc S8203A Datasheet HTML 10Page - Seiko Instruments Inc S8203A Datasheet HTML 11Page - Seiko Instruments Inc S8203A Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
BATTERY PROTECTION IC FOR 3-SERIES CELL PACK
S-8203A Series
Rev.1.0_00
8
Table 5 (2 / 2)
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Input Voltage
Operation voltage between
VDD pin and VSS pin
*6
VDSOP
Fixed output voltage of
DO pin and CO pin
2
24
V
CTLC pin change voltage
*6
VCTLC
2.1
3.0
4.0
V
2
CTLD pin change voltage
*6
VCTLD
2.1
3.0
4.0
V
2
Input Current
Current consumption during
operation
IOPE
20
40
μA
1
Current consumption during
power-down
*5
IPDN
V1 = V2 = V3 = 1.5 V
0.1
μA
1
VC1 pin current
IVC1
0
0.8
2.0
μA
5
VC2 pin current
IVC2
−0.3
0
0.3
μA
5
VC3 pin current
IVC3
−0.3
0
0.3
μA
5
VC4 pin current
IVC4
−2.0
−0.8
0
μA
5
Output Current
CO pin source current
ICOH
V13 = 0.5 V
10
μA
5
CO pin leakage current
ICOL
V1 = V2 = V3 = 8 V
0.1
μA
5
DO pin source current
IDOH
V14 = 0.5 V
10
μA
5
DO pin sink current
IDOL
V15 = 0.5 V
−10
μA
5
*1. Voltage temperature coefficient 1: Overcharge detection voltage
*2. Voltage temperature coefficient 2: Discharge overcurrent detection voltage
*3. Since products are not screened at high and low temperature, the specification for this temperature range is guaranteed by
design, not tested in production.
*4. Refer to " Operation" for details of delay time function.
*5. For products with power-down function
*6. The S-8203A Series does not operate detection if the operation voltage between VDD pin and VSS pin (VDSOP) is CTLC pin
change voltage (VCTLC) or CTLD pin change voltage (VCTLD) or lower.


Similar Part No. - S8203A

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S8203 SATCO-S8203 Datasheet
125Kb / 1P
   13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; GU24 base; 120 volts
More results

Similar Description - S8203A

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8203A ABLIC-S-8203A Datasheet
696Kb / 30P
   BATTERY PROTECTION IC FOR 3-SERIES CELL PACK
Rev.1.1_00
logo
Seiko Instruments Inc
S-8233A SII-S-8233A Datasheet
646Kb / 30P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233C SII-S-8233C Datasheet
568Kb / 26P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233B SII-S-8233B_1 Datasheet
360Kb / 26P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233C SII-S-8233C_1 Datasheet
392Kb / 27P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233B SII-S-8233B Datasheet
232Kb / 26P
   BATTERY PROTECTION IC (FOR A 3-SERIAL-CELL PACK)
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
   Protection IC for 1-Cell Battery Pack
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Neotec Semiconductor Lt...
NT1715B NEOTEC-NT1715B Datasheet
250Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.13
logo
ABLIC Inc.
S-82C1F ABLIC-S-82C1F Datasheet
843Kb / 42P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.3_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com