Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8203AAF-TCT1U Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-8203AAF-TCT1U
Description  BATTERY PROTECTION IC FOR 3-SERIES CELL PACK
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8203AAF-TCT1U Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-8203AAF-TCT1U Datasheet HTML 5Page - Seiko Instruments Inc S-8203AAF-TCT1U Datasheet HTML 6Page - Seiko Instruments Inc S-8203AAF-TCT1U Datasheet HTML 7Page - Seiko Instruments Inc S-8203AAF-TCT1U Datasheet HTML 8Page - Seiko Instruments Inc S-8203AAF-TCT1U Datasheet HTML 9Page - Seiko Instruments Inc S-8203AAF-TCT1U Datasheet HTML 10Page - Seiko Instruments Inc S-8203AAF-TCT1U Datasheet HTML 11Page - Seiko Instruments Inc S-8203AAF-TCT1U Datasheet HTML 12Page - Seiko Instruments Inc S-8203AAF-TCT1U Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
BATTERY PROTECTION IC FOR 3-SERIES CELL PACK
Rev.1.0_00
S-8203A Series
9
Test Circuits
1. Current consumption during operation, current consumption during power-down (Test circuit 1)
Set S1 and S2 to OFF.
1. 1 Current consumption during operation (IOPE)
Set V1 = V2 = V3 = 3.5 V, S2 to ON. ISS is the current consumption during operation (IOPE) at that time.
1. 2 Current consumption during power-down (IPDN) (With power-down function)
Set V1 = V2 = V3 = 1.5 V, S1 to ON. ISS is the current consumption during power-down (IPDN) at that time.
2. Overcharge detection voltage, overcharge release voltage, overdischarge detection voltage,
overdischarge release voltage, discharge overcurrent detection voltage, load short-circuiting
detection voltage, charge overcurrent detection voltage, CTLC pin change voltage, CTLD pin
change voltage, load short-circuiting detection delay time, CTLC pin response time, CTLD pin
response time (Test circuit 2)
Set S3 to OFF.
Confirm both VCO and VDO are in "H" (the voltage level is VDS
× 0.9 V or higher) after setting V1 = V2 = V3 = 3.5 V, V6
= V7 = V8 = 0 V (this status is referred to as initial status 1).
2. 1 Overcharge detection voltage (VCU1), Overcharge release voltage (VCL1)
The overcharge detection voltage (VCU1) is V1 when the VCO is set to "L" (the voltage level is VDS
× 0.1 V or lower)
after increasing V1 gradually after setting V1 = V2 = V3 = VCU
− 0.05 V from the initial status 1. After that,
decreasing V1 gradually, V1 is the overcharge release voltage (VCL1) when the VCO is set to "H" after setting V2 =
V3 = 3.5 V.
2. 2 Overdischarge detection voltage (VDL1), overdischarge release voltage (VDU1)
The overdischarge detection voltage (VDL1) is V1 when the VDO is set to "L" after decreasing V1 gradually from the
initial status 1. After that, increasing V1 gradually, V1 is the overdischarge release voltage (VDU1) when VDO is set
to "H".
By changing Vn (n = 2 to 3), users can define the overcharge detection voltage (VCUn), the overcharge release
voltage (VCLn), the overdischarge detection voltage (VDLn), the overdischarge release voltage (VDUn) as well when
n = 1.
2. 3 Discharge overcurrent detection voltage (VDIOV)
The discharge overcurrent detection voltage (VDIOV) is V6 when VDO is set to "L" after increasing V6 gradually from
the initial status 1.
2. 4 Load short-circuiting detection voltage (VSHORT)
The load short-circuiting detection voltage (VSHORT) is V6 when VDO is set to "L" after increasing V6 gradually after
setting S3 to ON from the initial status 1.
2. 5 Charge overcurrent detection voltage (VCIOV)
The charge overcurrent detection voltage (VCIOV) is V6 when VCO is set to "L" after decreasing V6 gradually from
the initial status 1.
2. 6 CTLC pin change voltage (VCTLC)
The CTLC pin change voltage (VCTLC) is V7 when VCO is set to "L" after increasing V7 gradually from the initial
status 1.
2. 7 CTLD pin change voltage (VCTLD)
The CTLD pin change voltage (VCTLD) is V8 when VDO is set to "L" after increasing V8 gradually from the initial
status 1.
2. 8 Load short-circuiting detection delay time (tSHORT)
Load short-circuiting detection delay time (tSHORT) is a period in which VDO changes to "L" after changing V6 to
1.5 V instantaneously, after setting S3 to ON from the initial status 1.


Similar Part No. - S-8203AAF-TCT1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8203AAF-TCT1U ABLIC-S-8203AAF-TCT1U Datasheet
696Kb / 30P
   BATTERY PROTECTION IC FOR 3-SERIES CELL PACK
Rev.1.1_00
More results

Similar Description - S-8203AAF-TCT1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8203A ABLIC-S-8203A Datasheet
696Kb / 30P
   BATTERY PROTECTION IC FOR 3-SERIES CELL PACK
Rev.1.1_00
logo
Seiko Instruments Inc
S-8233A SII-S-8233A Datasheet
646Kb / 30P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233C SII-S-8233C Datasheet
568Kb / 26P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233B SII-S-8233B_1 Datasheet
360Kb / 26P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233C SII-S-8233C_1 Datasheet
392Kb / 27P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233B SII-S-8233B Datasheet
232Kb / 26P
   BATTERY PROTECTION IC (FOR A 3-SERIAL-CELL PACK)
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
   Protection IC for 1-Cell Battery Pack
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Neotec Semiconductor Lt...
NT1715B NEOTEC-NT1715B Datasheet
250Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.13
logo
ABLIC Inc.
S-82C1F ABLIC-S-82C1F Datasheet
843Kb / 42P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.3_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com