Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-5716ACDH0-M3T1U Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-5716ACDH0-M3T1U
Description  LOW CURRENT CONSUMPTION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5716ACDH0-M3T1U Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-5716ACDH0-M3T1U Datasheet HTML 7Page - Seiko Instruments Inc S-5716ACDH0-M3T1U Datasheet HTML 8Page - Seiko Instruments Inc S-5716ACDH0-M3T1U Datasheet HTML 9Page - Seiko Instruments Inc S-5716ACDH0-M3T1U Datasheet HTML 10Page - Seiko Instruments Inc S-5716ACDH0-M3T1U Datasheet HTML 11Page - Seiko Instruments Inc S-5716ACDH0-M3T1U Datasheet HTML 12Page - Seiko Instruments Inc S-5716ACDH0-M3T1U Datasheet HTML 13Page - Seiko Instruments Inc S-5716ACDH0-M3T1U Datasheet HTML 14Page - Seiko Instruments Inc S-5716ACDH0-M3T1U Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LOW CURRENT CONSUMPTION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
Rev.1.6_01
S-5716 Series
11
3. Product with N pole detection
3. 1 Product with BOP = 1.8 mT typ.
Table 21
(Ta =
+25°C, VDD = 5.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test Circuit
Operation point*1
N pole
BOPN
−2.7
−1.8
−0.9
mT
5
Release point*2
N pole
BRPN
−2.2
−1.2
−0.3
mT
5
Hysteresis width*3
N pole
BHYSN
BHYSN =
|BOPN − BRPN|
0.6
mT
5
3. 2 Product with BOP = 3.0 mT typ.
Table 22
(Ta =
+25°C, VDD = 5.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test Circuit
Operation point*1
N pole
BOPN
−4.0
−3.0
−1.4
mT
5
Release point*2
N pole
BRPN
−3.7
−2.2
−1.1
mT
5
Hysteresis width*3
N pole
BHYSN
BHYSN =
|BOPN − BRPN|
0.8
mT
5
3. 3 Product with BOP = 3.4 mT typ.
Table 23
(Ta =
+25°C, VDD = 5.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test Circuit
Operation point*1
N pole
BOPN
−5.6
−3.4
−2.0
mT
5
Release point*2
N pole
BRPN
−4.2
−2.6
−1.5
mT
5
Hysteresis width*3
N pole
BHYSN
BHYSN =
|BOPN − BRPN|
0.8
mT
5
3. 4 Product with BOP = 4.5 mT typ.
Table 24
(Ta =
+25°C, VDD = 5.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test Circuit
Operation point*1
N pole
BOPN
−6.0
−4.5
−2.5
mT
5
Release point*2
N pole
BRPN
−5.5
−3.5
−2.0
mT
5
Hysteresis width*3
N pole
BHYSN
BHYSN =
|BOPN − BRPN|
1.0
mT
5
3. 5 Product with BOP = 7.0 mT typ.
Table 25
(Ta =
+25°C, VDD = 5.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test Circuit
Operation point*1
N pole
BOPN
−8.5
−7.0
−5.0
mT
5
Release point*2
N pole
BRPN
−7.2
−5.2
−3.7
mT
5
Hysteresis width*3
N pole
BHYSN
BHYSN =
|BOPN − BRPN|
1.8
mT
5
*1. BOPN, BOPS: Operation points
BOPN and BOPS are the values of magnetic flux density when the output voltage (VOUT) is inverted after the magnetic flux
density applied to the S-5716 Series by the magnet (N pole or S pole) is increased (the magnet is moved closer).
Even when the magnetic flux density exceeds BOPN or BOPS, VOUT retains the status.
*2. BRPN, BRPS: Release points
BRPN and BRPS are the values of magnetic flux density when the output voltage (VOUT) is inverted after the magnetic flux
density applied to the S-5716 Series by the magnet (N pole or S pole) is decreased (the magnet is moved further away).
Even when the magnetic flux density falls below BRPN or BRPS, VOUT retains the status.
*3. BHYSN, BHYSS: Hysteresis widths
BHYSN and BHYSS are the difference between BOPN and BRPN, and BOPS and BRPS, respectively.
Remark The unit of magnetic density mT can be converted by using the formula 1 mT = 10 Gauss.


Similar Part No. - S-5716ACDH0-M3T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5716ACDH0-M3T1U SII-S-5716ACDH0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
More results

Similar Description - S-5716ACDH0-M3T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S5715 SII-S5715 Datasheet
1Mb / 28P
   HIGH-SPEED / MIDDLE-SPEED LOW CURRENT CONSUMPTION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
S5717 SII-S5717 Datasheet
1Mb / 19P
   LOW VOLTAGE OPERATION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
S-5715CNDL1-M3T1U SII-S-5715CNDL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
S-57B1NSL1B-M3T1U SII-S-57B1NSL1B-M3T1U Datasheet
1Mb / 20P
   UNIPOLAR DETECTION TYPE HALL IC
S-5715CNSL1-M3T1U SII-S-5715CNSL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
S-5717ANDL8-I4T1U SII-S-5717ANDL8-I4T1U Datasheet
1Mb / 19P
   UNIPOLAR DETECTION TYPE HALL IC
S-5732NSL1B-Y3N2U SII-S-5732NSL1B-Y3N2U Datasheet
1Mb / 21P
   UNIPOLAR DETECTION TYPE HALL IC
logo
Rohm
BU52069GWZ ROHM-BU52069GWZ Datasheet
1Mb / 19P
   Unipolar Detection Hall IC
logo
Seiko Instruments Inc
S-5713A SII-S-5713A Datasheet
187Kb / 16P
   HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-57A1NSL1A-M3T2U SII-S-57A1NSL1A-M3T2U Datasheet
886Kb / 15P
   HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com