Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BG20B Datasheet(PDF) 3 Page - BeRex Corporation

Part # BG20B
Description  5-800 MHz Internally Matched IF Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BG20B Datasheet(HTML) 3 Page - BeRex Corporation

  BG20B_16 Datasheet HTML 1Page - BeRex Corporation BG20B_16 Datasheet HTML 2Page - BeRex Corporation BG20B_16 Datasheet HTML 3Page - BeRex Corporation BG20B_16 Datasheet HTML 4Page - BeRex Corporation BG20B_16 Datasheet HTML 5Page - BeRex Corporation BG20B_16 Datasheet HTML 6Page - BeRex Corporation BG20B_16 Datasheet HTML 7Page - BeRex Corporation BG20B_16 Datasheet HTML 8Page - BeRex Corporation BG20B_16 Datasheet HTML 9Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
S-Parameter
(Vdevice = 5.0V, Icc = 99mA, T = 25 °C, calibrated to device leads)
Typical Performance (Vc = 5V, Vdevice*=4.85V, Ic = 99mA, T = 25°C)
5-800 MHz Internally Matched IF Amplifier
BG20B
*4.85V at the device is due to 0.15V drop across 470nH choke inductor.
Freq
S11
S11
S21
S21
S12
S12
S22
S22
[MHz]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
10
0.293
-57.621
9.026
-133.913
0.029
46.255
0.616
141.423
50
0.088
-114.698
12.090
-176.377
0.039
6.825
0.172
71.829
100
0.054
-148.463
12.277
170.024
0.040
-3.437
0.101
31.482
150
0.046
-176.865
12.246
160.120
0.040
-10.235
0.086
-2.318
200
0.045
162.862
12.226
151.169
0.039
-15.933
0.089
-28.165
250
0.044
146.555
12.127
142.934
0.040
-21.800
0.100
-46.876
300
0.046
131.631
12.088
134.539
0.039
-26.571
0.111
-59.613
350
0.049
120.839
11.925
126.455
0.039
-31.386
0.122
-69.609
400
0.050
113.381
11.924
118.460
0.039
-36.144
0.132
-79.222
450
0.052
104.506
11.695
110.451
0.039
-41.080
0.144
-87.009
500
0.052
93.956
11.668
103.010
0.039
-45.503
0.157
-93.192
Freq
MHz
70
140
250
500
800
S21
dB
22.0
21.9
21.7
21.0
20.5
S11
dB
-23.5
-26.5
-27.0
-25.5
-23.2
S22
dB
-18.0
-21.5
-20.0
-16.0
-12.2
P1
dBm
21
21
21
21
19
OIP3
dBm
41
39.5
38.5
36
31
NF
dB
4.6
4.7
4.7
4.8
4.8
Typical Performance (Vd = 4.7V, Ic = 92mA, T = 25°C)
Freq
MHz
70
140
250
500
800
S21
dB
21.8
21.7
21.6
21.2
20.5
S11
dB
-23.4
-30.3
-33.7
-28.4
-23.2
S22
dB
-16.1
-16.1
-16.8
-16.5
-12
P1
dBm
20
20.6
20.7
20.1
18.7
OIP3
dBm
40
39
37
33.5
30
NF
dB
4.6
4.7
4.7
4.8
4.8
Typical Performance (Vd = 4.5V, Ic = 79mA, T = 25°C)
Freq
MHz
70
140
250
500
800
S21
dB
21.8
21.8
21.6
20.9
20.4
S11
dB
-23.8
-30.5
-34.3
-29
-23.2
S22
dB
-15.8
-15.8
-16.5
-16.2
-11.8
P1
dBm
19.8
19.3
19.2
19.6
17.9
OIP3
dBm
34.0
37.0
35.5
35.5
29.5
NF
dB
4.6
4.7
4.7
4.8
4.8
Rev. E
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2010 BeRex


Similar Part No. - BG20B_16

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG20B BEREX-BG20B_1 Datasheet
1Mb / 9P
   5-800 MHz Internally Matched IF Amplifier
BG20B BEREX-BG20B_18 Datasheet
1Mb / 9P
   5-800 MHz Internally Matched IF Amplifier
More results

Similar Description - BG20B_16

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BIF7 BEREX-BIF7_1 Datasheet
1Mb / 10P
   5-800 MHz Internally Matched IF Amplifier
BIF5 BEREX-BIF5_1 Datasheet
1Mb / 11P
   5-800 MHz Internally Matched IF Amplifier
BG20A BEREX-BG20A_18 Datasheet
1Mb / 8P
   5-800 MHz Internally Matched IF Amplifier
BIF7 BEREX-BIF7_18 Datasheet
1Mb / 10P
   5-800 MHz Internally Matched IF Amplifier
BIF3 BEREX-BIF3_16 Datasheet
1Mb / 9P
   5-800 MHz Internally Matched IF Amplifier
BG20B BEREX-BG20B Datasheet
470Kb / 10P
   5-800 MHz Internally Matched IF Amplifier
BG20A BEREX-BG20A_1 Datasheet
1Mb / 8P
   5-800 MHz Internally Matched IF Amplifier
BIF1 BEREX-BIF1_1 Datasheet
1Mb / 9P
   5-800 MHz Internally Matched IF Amplifier
BIF7 BEREX-BIF7_16 Datasheet
1Mb / 10P
   5-800 MHz Internally Matched IF Amplifier
BIF1 BEREX-BIF1_16 Datasheet
1Mb / 9P
   5-800 MHz Internally Matched IF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com