Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1740G20-A4T2U4 Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-1740G20-A4T2U4
Description  POWER MONITORING OUTPUT, 5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.5 uA SUPER LOW CURRENT CONSUMPTION
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1740G20-A4T2U4 Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-1740G20-A4T2U4 Datasheet HTML 1Page - Seiko Instruments Inc S-1740G20-A4T2U4 Datasheet HTML 2Page - Seiko Instruments Inc S-1740G20-A4T2U4 Datasheet HTML 3Page - Seiko Instruments Inc S-1740G20-A4T2U4 Datasheet HTML 4Page - Seiko Instruments Inc S-1740G20-A4T2U4 Datasheet HTML 5Page - Seiko Instruments Inc S-1740G20-A4T2U4 Datasheet HTML 6Page - Seiko Instruments Inc S-1740G20-A4T2U4 Datasheet HTML 7Page - Seiko Instruments Inc S-1740G20-A4T2U4 Datasheet HTML 8Page - Seiko Instruments Inc S-1740G20-A4T2U4 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
POWER MONITORING OUTPUT, 5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.5
μA SUPER LOW CURRENT CONSUMPTION
S-1740/1741 Series
Rev.1.2_00
4
Product Name Structure
Users can select power monitor block output voltage, product type, regulator block output voltage, and package type
for the S-1740/1741 Series. Refer to "1. Product name" regarding the contents of product name, "2. Function list
of product type" regarding the product type, "3. Packages" regarding the package drawings and "4. Product
name list" for details of product names.
1. Product name
S-174x x xx - xxxx U 4
Product type
*4
A, C, G
Package abbreviation and IC packing specifications
*1
M5T1: SOT-23-5, Tape
A6T2: HSNT-6(1212), Tape
A4T2: HSNT-4(1010), Tape
*2
Regulator block output voltage
*3
10 to 35
(e.g., when the output voltage is 1.0 V, it is expressed as 10.)
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Power monitor block output voltage
*4
0: VIN/2
1: VIN/3
*1.
Refer to the tape drawing.
*2.
Only S-1740/1741 Series G type
*2.
Contact our sales office when the product which has 0.05 V step is necessary.
*3.
Refer to "2. Function list of product type" and "2. 2 PMEN pin" in "2. Power monitor block" in
" Operation".
2. Function list of product type
Table 1
Product Type
Output Voltage (VPMOUT)
PMEN Pin Logic
Package
S-1740 Series A type
VIN/2
Active "H"
HSNT-6(1212),
SOT-23-5
S-1740 Series C type
Active "L"
S-1740 Series G type
Without PMEN pin
HSNT-4(1010)
S-1741 Series A type
VIN/3
Active "H"
HSNT-6(1212),
SOT-23-5
S-1741 Series C type
Active "L"
S-1741 Series G type
Without PMEN pin
HSNT-4(1010)
3. Packages
Table 2 Package Drawing Codes
Package Name
Dimension
Tape
Reel
Land
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD
HSNT-6(1212)
PM006-A-P-SD
PM006-A-C-SD
PM006-A-R-SD
PM006-A-L-SD
HSNT-4(1010)
PL004-A-P-SD
PL004-A-C-SD
PL004-A-R-SD
PL004-A-L-SD


Similar Part No. - S-1740G20-A4T2U4

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1740G20-A4T2U4 ABLIC-S-1740G20-A4T2U4 Datasheet
1Mb / 47P
   5.5 V INPUT, 100 mA VOLTAGE REGULATOR WITH SUPPLY VOLTAGE DIVIDED OUTPUT
Rev.1.3_00
More results

Similar Description - S-1740G20-A4T2U4

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1317 SII-S1317 Datasheet
2Mb / 31P
   5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.35 uA SUPER LOW CURRENT CONSUMPTION
logo
ABLIC Inc.
S-1317 ABLIC-S-1317 Datasheet
1Mb / 31P
   5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.35 ?쵡 SUPER LOW CURRENT CONSUMPTION
Rev.1.0_01
S-1318 ABLIC-S-1318 Datasheet
856Kb / 42P
   5.5 V INPUT, 100 mA, 95 nA SUPER LOW CURRENT CONSUMPTION VOLTAGE REGULATOR
Rev.1.1_00
S-1740 ABLIC-S-1740 Datasheet
1Mb / 47P
   5.5 V INPUT, 100 mA VOLTAGE REGULATOR WITH SUPPLY VOLTAGE DIVIDED OUTPUT
Rev.1.3_00
logo
Seiko Instruments Inc
S1702 SII-S1702 Datasheet
609Kb / 45P
   SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH
logo
Analog Devices
ADP122ACPZ-2.6-R7 AD-ADP122ACPZ-2.6-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP122 AD-ADP122 Datasheet
616Kb / 20P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP122ACPZ-1.8-R7 AD-ADP122ACPZ-1.8-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
logo
Seiko Instruments Inc
S85V1A SII-S85V1A Datasheet
2Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 10 uA QUIESCENT CURRENT
S85S1P SII-S85S1P Datasheet
3Mb / 38P
   POWER MONITORING OUTPUT, 5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com